Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4434-R2/N

  • AI
    The **M2AS1-4434-R2/N** is a specific technical configuration for an industrial-grade **Solid State Drive (SSD)**, typically manufactured by **Innodisk**. It belongs to the M.2 (NGFF) form factor family, specifically designed for enterprise, embedded, and industrial systems. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III 6.0 Gb/s | | **Flash Type** | iSLC (Industrial-grade SLC emulation) | | **Capacity** | 32GB (Standard for this part number series) | | **Model Series** | M2AS-1 | | **Operational Temp** | Standard Grade: 0°C ~ +70°C | --- ## 2. Key Electronic Components ### A. The Controller The "heart" of the module is an integrated SSD controller. It manages: * **Wear Leveling:** Ensures data is written evenly across memory cells to prevent premature failure. * **Bad Block Management:** Identifies and bypasses defective flash sectors. * **Error Correction Code (ECC):** Uses hardware algorithms to detect and fix bit-level errors. ### B. iSLC Flash Memory The `/N` and `R2` designations often refer to the NAND type and revision. **iSLC** is a proprietary technology that bridges the gap between MLC and SLC: * It uses MLC (Multi-Level Cell) hardware but only stores 1 bit per cell. * **Result:** It provides up to 10 times the endurance of standard MLC and speeds approaching true SLC, but at a lower cost. ### C. Power Management Circuitry This part includes: * **Voltage Regulators:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the controller and NAND. * **Power-on Reset (POR):** Ensures the drive initializes only when power is stable. * **iData Guard:** Electronic sensors that detect sudden power loss and trigger a "flush" of data from the volatile cache to the permanent NAND to prevent data corruption. --- ## 3. Physical Layout As a **2242 form factor**, the PCB measures **22mm x 42mm**. This is shorter than standard consumer M.2 drives (which are 2280), making it ideal for compact industrial PCs, thin clients, and automation controllers. --- ## 4. Part Number Breakdown (Generic Mapping) * **M2AS1**: Product Series (M.2 SATA SSD). * **4434**: Specific internal configuration code (Capacity/Controller/NAND generation). * **R2**: Revision 2 (indicates a hardware or firmware update from the original design). * **N**: Usually indicates a specific firmware feature or a lack of certain DRAM caching (DRAM-less design for higher reliability).
    ✨ Follow-up Questions
    • ⤷ What is the difference in endurance (TBW) between iSLC and standard MLC memory?
    • ⤷ Can this drive be used in a standard laptop M.2 slot?
    • ⤷ Does this model support AES 256-bit hardware encryption?