Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4441-R

  • AI
    The **M2AS1-4441-R** is a specific electronic component typically categorized as a **Magnetic Modular Jack** (also known as an RJ45 Integrated Connector Module or ICM). These components are essential for Ethernet networking interfaces. --- ## 1. Technical Specifications Below are the primary electronic and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Port Configuration** | 1x1 (Single Port) | | **Tab Direction** | Tab-Up | | **Integrated Magnetics** | Yes (Transformers and Chokes) | | **LED Configuration** | Typically Green/Yellow (Left/Right) | | **Shielding** | Metal Shield with EMI Fingers | | **Speed Support** | 10/100 Base-T (Fast Ethernet) | | **Mounting Type** | Through-Hole (THT) / Right Angle | --- ## 2. Internal Electronic Components The "Magic" of the M2AS1-4441-R lies inside the plastic housing, which contains a miniature PCB with several passive components: ### A. Isolation Transformers * **Function:** Provides 1500V AC isolation between the Ethernet cable and the PHY (Physical Layer) chip. * **Purpose:** Protects the sensitive circuitry of the device from static electricity, surges, and ground loops. ### B. Common Mode Chokes * **Function:** Filters out high-frequency noise. * **Purpose:** Ensures the device complies with electromagnetic interference (EMI) standards (like FCC or CE) by preventing the cable from acting as an antenna. ### C. Termination Resistors (Bob Smith Termination) * **Function:** Matches the impedance of the twisted-pair cables (typically 75 ohms). * **Purpose:** Reduces signal reflections and improves signal integrity. --- ## 3. Pinout Structure While specific manufacturer datasheets vary slightly, a standard 10/100 ICM like the M2AS1-4441-R follows this general logic: ```text PHY Side (Input) Cable Side (Output) 1. TX+ ----------------> [Transformer] -> Pin 1 (TD+) 2. TX- ----------------> [Transformer] -> Pin 2 (TD-) 3. RX+ ----------------> [Transformer] -> Pin 3 (RD+) 4. RX- ----------------> [Transformer] -> Pin 6 (RD-) 5-8. NC/Common Mode Termination ``` --- ## 4. Key Applications * **Network Interface Cards (NICs):** For PCs and servers. * **Embedded Systems:** Industrial PCs, IoT gateways, and routers. * **Consumer Electronics:** Smart TVs, gaming consoles, and set-top boxes. ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint layout for the M2AS1-4441-R on a PCB?
    • ⤷ How do the LEDs inside the M2AS1-4441-R receive power?
    • ⤷ What are the common alternatives for 10/100 Base-T RJ45 connectors?