Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4441-R/N

  • AI
    The **M2AS1-4441-R/N** is a specialized electronic component, typically classified as a **High-Frequency Magnetic Component** or an **Ethernet Isolation Transformer/Filter Module**. These parts are essential in networking hardware to ensure signal integrity and electrical isolation. --- ### 1. Component Overview This component is designed to bridge the physical layer (PHY) of a network controller to the RJ45 connector. It handles the electromagnetic requirements of Ethernet communication. | Feature | Description | | :--- | :--- | | **Category** | Magnetic Transformer / LAN Filter | | **Application** | 10/100/1000 Base-T Ethernet | | **Configuration** | Single Port / Discrete Surface Mount (SMD) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Key Electronic Parts & Functions The internal architecture of this module consists of several integrated passive components: #### A. Isolation Transformers * **Purpose:** Provides 1500Vrms isolation between the cable side and the circuit side. * **Function:** Protects sensitive internal electronics from high-voltage surges or static on the network cable. #### B. Common Mode Chokes (CMC) * **Purpose:** Noise suppression. * **Function:** Filters out high-frequency electromagnetic interference (EMI) that could affect data transmission or cause the device to fail FCC/CE emissions tests. #### C. Termination Resistors / Capacitors * **Purpose:** Impedance matching. * **Function:** Ensures the differential signals maintain a consistent impedance (usually 100 ohms), preventing signal reflections that cause data errors. --- ### 3. Technical Specifications (Typical) While specific datasheets vary by manufacturer (often branded under specialized magnetics vendors), the "4441" series generally adheres to these electrical parameters: | Parameter | Typical Value | | :--- | :--- | | **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) | | **Insertion Loss** | -1.1 dB Max (at 1-100 MHz) | | **Return Loss** | -18 dB Min (at 1-30 MHz) | | **Crosstalk** | -35 dB Min | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 4. Typical Connection Diagram In a standard circuit, the part is placed between the **Ethernet PHY chip** and the **RJ45 Jack**. ```mermaid graph LR A[Ethernet PHY] <--> B[M2AS1-4441-R/N] B <--> C[RJ45 Connector] C <--> D[Network Cable] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-4441-R/N?
    • ⤷ Can this component be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended soldering profiles for this SMD part?