Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-4441-R2

  • AI
    The **M2AS1-4441-R2** is a specialized electronic component, typically identified as a high-frequency, surface-mount **directional coupler** or a specific RF transformer module used in telecommunications and networking hardware. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of RF components, the following specifications generally apply: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Directional Coupler / Splitter | | **Frequency Range** | Typically 5 MHz to 1000 MHz (Broadband) | | **Impedance** | 75 Ohms (Common for CATV/Broadband) | | **Coupling Loss** | Approximately 10dB to 20dB (Model specific) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Lead Finish** | RoHS Compliant (indicated by -R2 suffix) | --- ### 2. Functional Breakdown The M2AS1-4441-R2 performs three primary roles within a circuit: 1. **Signal Sampling:** It allows a small portion of the high-frequency signal to be "tapped" off for monitoring or measurement without significantly disrupting the main transmission line. 2. **Impedance Matching:** It ensures that the transition between different stages of an RF circuit maintains a consistent 75-ohm impedance to prevent signal reflections (VSWR). 3. **Isolation:** It provides high isolation between the output port and the coupled port to ensure that reflected signals do not interfere with the primary signal source. --- ### 3. Application Areas This part is most commonly found in infrastructure equipment related to: * **Cable Television (CATV):** Distribution amplifiers and headend equipment. * **DOCSIS 3.0/3.1 Systems:** Cable modems and line extenders. * **Satellite Receivers:** Signal distribution within multi-dwelling units. * **Test Equipment:** RF signal analyzers and generators. --- ### 4. Circuit Representation In a schematic, this part is represented as a four-port device. Below is a simplified representation of the pin logic: ```text Port 1 (Input) ----[ Main Line ]----> Port 2 (Output) | (Coupling) | Port 4 (Isolated) <--------------- Port 3 (Coupled) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating for the M2AS1-4441-R2?
    • ⤷ How does the 'R2' suffix change the component's specifications compared to the original version?
    • ⤷ Can this component be used in 50-ohm RF systems?