Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5113-R2

  • AI
    The **M2AS1-5113-R2** is a specific technical model identifier typically associated with a **Power Supply Unit (PSU)** or a **Power Distribution Module**, often found in networking hardware (such as Cisco switches) or specialized industrial computing systems. Below is a breakdown of the electronic components and technical characteristics generally found in this type of module. --- ## 1. Technical Specifications Overview | Feature | Description | | :--- | :--- | | **Component Type** | AC/DC Power Supply Module | | **Input Voltage** | 100V – 240V AC (Universal Input) | | **Output Voltage** | Typically 12V DC (Main) and 3.3V/5V (Standby) | | **Form Factor** | Hot-swappable / Plug-in Module | | **Efficiency Rating** | Usually 80 Plus Gold or Platinum equivalent | | **Cooling** | Integrated high-RPM cooling fan | --- ## 2. Key Electronic Parts and Subsystems ### A. Input Stage (EMI Filtering & Rectification) * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **EMI/RFI Filter:** A network of capacitors (X and Y types) and inductors (chokes) designed to prevent electromagnetic interference from leaking back into the power grid. * **NTC Thermistor:** Used for inrush current protection to prevent damage when the unit is first plugged in. ### B. PFC (Power Factor Correction) Section * **Active PFC Controller:** An integrated circuit (IC) that aligns the current waveform with the voltage waveform to maximize efficiency. * **Power MOSFETs:** High-speed switches used to boost the voltage to a steady DC bus (usually around 380V-400V). ### C. DC-to-DC Conversion & Regulation * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output side. * **PWM Controller:** Regulates the output voltage by adjusting the pulse width of the switching frequency. * **Schottky Diodes / Synchronous Rectifiers:** Used on the secondary side to convert the high-frequency AC from the transformer back into stable DC. ### D. Protection & Monitoring Circuits The "R2" revision often implies updated firmware or protection logic for: * **OVP/OCP:** Over-Voltage and Over-Current protection circuits. * **OTP:** Over-Temperature Protection using integrated thermistors near the heat sinks. * **I2C/PMBus Interface:** Allows the host system to monitor power consumption, fan speed, and temperature in real-time. --- ## 3. Physical Interface The module features a specialized **Gold Finger** or **Blade Connector** on the rear. This connector carries: 1. **High Current DC Paths:** For the main power delivery. 2. **Signal Pins:** For "Power Good" signals, PS_ON (Remote enable), and I2C communication. ---
    ✨ Follow-up Questions
    • ⤷ Is this part used in a specific Cisco or Juniper hardware model?
    • ⤷ How do I troubleshoot a 'Fault' LED on the M2AS1-5113-R2?
    • ⤷ What are the pinout specifications for the rear connector?