Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5121-R2

  • AI
    The **M2AS1-5121-R2** is a high-performance, industrial-grade **M.2 Solid State Drive (SSD)**, typically manufactured by **Apacer**. It follows the M.2 2280 form factor and is designed for applications requiring high reliability, such as industrial automation, server storage, and embedded systems. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280-D2-M | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **Capacity** | 512 GB | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Voltage** | 3.3V ± 5% | --- ## 2. Key Electronic Components The "brain" and "muscle" of this drive consist of three primary electronic segments: ### A. The Controller The controller is the most critical electronic part, acting as the processor for the drive. * **Flash Management:** It handles Error Correction Code (ECC), wear leveling, and bad block management. * **NVMe Engine:** It manages the high-speed PCIe lanes to ensure low latency and high IOPS (Input/Output Operations Per Second). * **Thermal Throttling:** Electronic sensors on the PCB communicate with the controller to reduce speeds if temperatures exceed safe operating limits. ### B. 3D TLC NAND Flash * **Storage Density:** Unlike older 2D (planar) NAND, 3D TLC stacks memory cells vertically, allowing for the 512GB capacity in a small footprint. * **Data Integrity:** The electronic gates in the TLC cells are optimized for industrial cycles, usually rated for higher Program/Erase (P/E) cycles than consumer-grade drives. ### C. Power Management Circuitry (PMIC) * **Voltage Regulation:** Converts the 3.3V input from the M.2 slot into various lower voltages required by the NAND and the Controller. * **Protection:** Includes capacitors and resistors designed to protect against minor voltage spikes and ensure "End-to-End Data Protection." --- ## 3. Performance & Reliability Features The electronic architecture supports several advanced firmware/hardware features: 1. **S.M.A.R.T. Support:** Electronic self-monitoring that reports the health and remaining life of the drive. 2. **Global Wear Leveling:** Ensures the controller writes data evenly across all electronic flash cells to prevent premature failure of specific sectors. 3. **TRIM Support:** Allows the operating system to inform the SSD which blocks of data are no longer considered in use, optimizing the electronic cleanup process. --- ## 4. Pin Configuration (M-Key) The physical interface uses an **M-Key** notch. The electronic pinout supports: * **4 PCIe Lanes:** For high-speed data transfer. * **Differential Pairs:** Used for high-speed signaling to reduce electromagnetic interference (EMI). * **Ground Pins:** Strategically placed to provide stable electrical return paths.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for the M2AS1-5121-R2?
    • ⤷ Does this specific model support Hardware AES Encryption?
    • ⤷ What are the operating temperature ranges for this industrial M.2 SSD?