Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5231-R/N

  • AI
    The **M2AS1-5231-R/N** is a specialized high-performance RF (Radio Frequency) electromechanical switch, typically categorized as a **SPDT (Single Pole Double Throw)** coaxial switch. These components are critical in telecommunications, satellite ground stations, and automated test equipment (ATE). --- ### 1. General Specifications The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Dow-Key Microwave** or similar high-reliability RF component firms). | Feature | Description | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Actuator Type** | Failsafe or Latching (Model dependent) | | **Frequency Range** | Typically DC to 18 GHz or 26.5 GHz | | **Connector Type** | SMA (Female) | | **Impedance** | 50 Ohms | | **Control Voltage** | Usually 12V or 28V DC | --- ### 2. Breakdown of the Part Number While specific vendor codes vary, the alphanumeric segments generally represent the following hardware characteristics: * **M2**: Often indicates the physical series or housing size. * **AS1**: Refers to the Actuator/Switch configuration (SPDT). * **5231**: Internal code for frequency range, terminal type, and voltage requirements. * **-R**: Typically signifies the inclusion of **Indicators** (internal circuits that signal the switch position to a remote controller). * **-N**: Usually denotes **Non-terminating** (the unused port remains open) or a specific connector plating. --- ### 3. Key Electronic Components & Working Principle Inside the M2AS1-5231-R/N, several electronic and mechanical subsystems work together: #### A. Solenoid Actuator The "heart" of the switch. It uses an electromagnetic coil to move a plunger. When voltage is applied, the magnetic field creates mechanical force to shift the RF contact from the "Normally Closed" position to the "Normally Open" position. #### B. RF Cavity & Reed Contacts Unlike standard relays, these use a precision-machined RF cavity. The contacts are designed to maintain a 50-ohm environment to minimize: * **Insertion Loss:** Power lost during transmission. * **VSWR (Voltage Standing Wave Ratio):** Reflections caused by impedance mismatch. * **Crosstalk/Isolation:** Leakage between the active and inactive ports. #### C. Indicator Circuitry (The "-R" Suffix) This is an auxiliary electronic circuit isolated from the RF path. It consists of a set of mechanical switches that close when the RF path moves, providing a DC feedback signal to a microcontroller or PLC to confirm the switch has successfully toggled. --- ### 4. Typical Applications 1. **Redundancy Switching:** Swapping between a primary and a backup transmitter. 2. **Signal Routing:** Directing a single antenna signal to two different receivers. 3. **Lab Testing:** Automating the connection between a Device Under Test (DUT) and a Network Analyzer. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Failsafe and Latching versions of this switch?
    • ⤷ How does the 'Indicators' feature improve system reliability?
    • ⤷ What are the typical power handling limits for SMA-type RF switches?