Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5232-R/N

  • AI
    The **M2AS1-5232-R/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It is an **SFP (Small Form-factor Pluggable) Stacked Connector**, designed to facilitate high-speed data transmission between a PCB and optical or copper transceiver modules. --- ### 1. General Specifications The part number typically refers to a **2x1 Integrated Connector Enclosure** (Cage and Connector assembly). | Feature | Specification | | :--- | :--- | | **Component Type** | SFP Stacked Connector & Cage Assembly | | **Configuration** | 2x1 (Two ports, stacked vertically) | | **Pin Count** | 40 Pins (20 per port) | | **Mounting Type** | Press-fit / Through-hole | | **Orientation** | Right Angle | | **Material** | High-temperature Thermoplastic / Copper Alloy contacts | --- ### 2. Key Electronic Parts & Construction The assembly consists of several critical sub-components that work together to ensure signal integrity: #### A. The Connector Housing The internal plastic body holds the signal contacts. It is usually made of LCP (Liquid Crystal Polymer) to withstand high temperatures during industrial soldering processes. #### B. Signal Contacts (Pins) * **Material:** Phosphor Bronze or Copper Alloy. * **Plating:** Gold plating on the contact area (typically 15u" or 30u") to prevent oxidation and ensure low resistance over many insertion cycles. * **Signal Integrity:** Designed for high-speed differential signaling (supporting Gigabit Ethernet, Fibre Channel, etc.). #### C. The Metal Cage (Shielding) The outer "shell" acts as an EMI (Electromagnetic Interference) shield. * **Function:** It prevents noise from affecting the high-speed data lines and provides structural support for the SFP module. * **Grounding:** Features multiple grounding tabs/springs to ensure a solid connection to the chassis. #### D. Light Pipes (Optional/Integrated) The "R/N" suffix often indicates specific configurations regarding LED light pipes. These are clear plastic components that channel light from surface-mount LEDs on the PCB to the front panel for status indication (Link/Activity). --- ### 3. Application Use Cases This part is commonly found in networking hardware: * **Network Switches:** Providing the physical interface for fiber optic uplinks. * **Routers:** High-density port configurations. * **Storage Servers:** SAN (Storage Area Network) interfaces. * **Industrial PCs:** Robust data communication in harsh environments. --- ### 4. Technical Footprint Example In a PCB design environment (like Altium or Eagle), the electronic footprint focuses on the following: ```c // Typical Signal Pinout for SFP (Per Port) Pin 1: VeeT (Transmitter Ground) Pin 2: TX_Fault Pin 3: TX_Disable Pin 4: SDA (I2C Data) Pin 5: SCL (I2C Clock) Pin 12: RD- (Receive Data Negative) Pin 13: RD+ (Receive Data Positive) Pin 18: TD+ (Transmit Data Positive) Pin 19: TD- (Transmit Data Negative) ```
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions and PCB layout requirements for this part?
    • ⤷ How does the 'Press-fit' mounting style compare to standard SMT soldering?
    • ⤷ What are the specific thermal operating ranges for the M2AS1 series?