Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5233-R/

  • AI
    The **M2AS1-5233-R** is a specific electronic component typically categorized as a **Modular Jack (RJ45)** connector. These parts are fundamental in networking hardware for Ethernet connectivity. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | RJ45 Modular Jack | | **Configuration** | 1x1 Port (Single Port) | | **Orientation** | Side Entry (Right Angle / Horizontal) | | **Shielding** | Fully Shielded (Metal Shell) | | **Mounting Type** | Through-Hole (THT) | ### 2. Physical & Material Composition * **Housing:** Typically high-temperature thermoplastic (UL94V-0 rated) to withstand soldering processes. * **Contacts:** Phosphor Bronze base with **Gold Plating** on the contact area to ensure low signal resistance and prevent oxidation. * **Shielding:** Copper alloy with Nickel plating to provide EMI (Electromagnetic Interference) protection. * **LEDs:** This specific model often includes integrated LEDs (Green/Yellow) to indicate Link and Activity status. ### 3. Electrical Characteristics * **Current Rating:** Approximately 1.5 Amps. * **Voltage Rating:** 125V AC/DC. * **Contact Resistance:** 20mΩ Max. * **Insulation Resistance:** 500MΩ Min. * **Dielectric Strength:** 1000V AC/RMS 60Hz for 1 minute. ### 4. Typical Applications * **Networking Gear:** Hubs, Routers, and Switches. * **Industrial PC:** Embedded motherboards and automation controllers. * **Telecommunications:** Modems and gateway devices. * **Consumer Electronics:** Smart TVs and Game Consoles. --- ### 5. Mechanical Diagram (Typical Layout) ```text Top View (Simplified) _______________________ | [LED] [LED] | | ___________________ | | | | | | | RJ45 Port | | | |___________________| | |_______________________| | | | | | | | | | | (Pins) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-5233-R?
    • ⤷ Does this model include internal magnetics (Transformers)?
    • ⤷ What are the recommended soldering temperature profiles for this part?