Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5243-R2

  • AI
    Based on the technical nomenclature, the **M2AS1-5243-R2** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Connector/Cable assembly** depending on the manufacturer (most commonly associated with high-density power modules or magnetic components). Below is a breakdown of the electronic specifications and characteristics associated with this part type. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Module | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (indicated by -R2 suffix in many series) | | **Application** | DC-DC Converters, Voltage Regulator Modules (VRM) | ### 2. Physical and Material Characteristics * **Core Material:** Usually a high-permeability ferrite or metal alloy powder to minimize core losses at high frequencies. * **Shielding:** Typically magnetically shielded to prevent Electromagnetic Interference (EMI) with surrounding sensitive components on the PCB. * **Terminations:** Solder-plated copper lead frames designed for high-density reflow soldering. ### 3. Electrical Parameters (Typical) While specific datasheets vary by manufacturer (such as Delta or Cyntec), parts in this series generally follow these parameters: 1. **Inductance:** The "5243" code often refers to a specific case size or a combination of inductance value and physical dimensions (e.g., 5.2mm x 4.3mm footprint). 2. **Saturation Current ($I_{sat}$):** Designed to handle high peak currents without the magnetic core saturating. 3. **DC Resistance (DCR):** Optimized to be extremely low to maximize efficiency and reduce heat dissipation. 4. **Operating Temperature:** Generally rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$. --- ### 4. Part Number Breakdown (Generalized) | Segment | Interpretation | | :--- | :--- | | **M2AS** | Product Series (High-current molded power inductor) | | **1** | Design revision or Material type | | **5243** | Dimensions (typically Length/Width in mm) | | **R2** | Revision 2 or Low Resistance variant | ### 5. Common Applications * **Computing:** Powering CPUs and GPUs in laptops and servers. * **Telecommunications:** High-efficiency power stages for base stations. * **Automotive:** Infotainment systems and ADAS sensors requiring stable power filtering.
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M2AS1-5243-R2?
    • ⤷ What are the exact dimensions (L x W x H) of this component?
    • ⤷ What is the rated saturation current for this specific inductor series?