Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5312-R

  • AI
    The **M2AS1-5312-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor** or a similar magnetic component (often associated with brands like GCI or specialized magnetics manufacturers). Below is a breakdown of its technical characteristics and internal parts. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical properties. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Power Inductor / SMT Magnetics | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Specified by the "5312" code (often 5.3µH or 12µH depending on series) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | | **Core Material** | Ferrite or Composite Metal Powder | --- ## 2. Internal Electronic Construction The device is comprised of four primary sections that dictate its performance in a circuit: ### A. The Magnetic Core The heart of the component is the **Ferrite Core**. * **Function:** Concentrates the magnetic field. * **Material:** High-permeability manganese-zinc (MnZn) or nickel-zinc (NiZn). * **Feature:** Usually features a "Shielded" design to prevent Electromagnetic Interference (EMI) from affecting nearby components. ### B. The Winding (Copper Coil) * **Material:** High-purity enameled copper wire. * **Configuration:** Wound tightly around the core. The number of turns determines the inductance value. * **DCR:** Engineered for low DC Resistance (DCR) to minimize power loss and heat generation. ### C. Termination / Electrodes * **Plating:** Usually Tin (Sn) over Nickel (Ni) or Silver (Ag). * **Design:** Flat base electrodes designed for stable soldering onto a PCB (Printed Circuit Board) using reflow soldering techniques. ### D. Encapsulation/Coating * **Material:** Epoxy resin or a molded plastic case. * **Purpose:** Provides structural integrity, moisture resistance, and electrical insulation. --- ## 3. Typical Applications These parts are commonly found in power management stages: 1. **DC-DC Converters:** Used for energy storage and filtering. 2. **Voltage Regulator Modules (VRM):** Common in laptops and industrial motherboards. 3. **Noise Suppression:** Acting as a low-pass filter to smooth out ripples in power lines. --- ## 4. Part Number Breakdown (Generic Mapping) | Segment | Meaning | | :--- | :--- | | **M2AS** | Series/Product Family identifier | | **1** | Size or Mechanical Revision code | | **5312** | Electrical value code (Inductance/Dimensions) | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and current rating for the M2AS1-5312-R?
    • ⤷ Can this part be used in high-temperature automotive applications?
    • ⤷ What are the recommended PCB footprint dimensions for this component?