Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5333-R

  • AI
    The **M2AS1-5333-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are critical in power management circuits, particularly for voltage regulation and filtering. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 3.3 µH (Microhenries) | | **Tolerance** | ±20% (Standard for this series) | | **Component Type** | Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Shielding** | Often Magnetically Shielded (to reduce EMI) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | ### 2. Physical Construction The physical design of the M2AS1 series is optimized for high-density PCB layouts: * **Core Material:** Usually a ferrite core or metal composite, designed to handle high saturation currents without losing inductance. * **Termination:** Lead-free solder pads on the bottom for secure SMT attachment. * **Form Factor:** Compact square or rectangular footprint (the "53" often refers to dimensions like 5.0mm x 5.0mm or 5.2mm x 5.2mm, depending on the manufacturer's specific coding). ### 3. Functional Role in Electronics In a circuit, the M2AS1-5333-R performs several vital functions: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components like CPUs or FPGAs. 3. **Current Smoothing:** It reduces ripple current in power supplies, ensuring a steady voltage output. ### 4. Common Applications * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Power Modules:** Point-of-Load (PoL) converters. * **Automotive:** Infotainment systems and LED lighting drivers. * **Industrial:** DC-DC industrial power bricks. --- ### 5. Symbol and Footprint (Generic) ```cpp // Schematic Representation L1 ----(UUU)---- 3.3uH ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M2AS1-5333-R?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the physical dimensions of the 5333 package size?