Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5344-R2

  • AI
    The **M2AS1-5344-R2** is a specialized high-speed backplane connector, typically used in server architectures, networking equipment, and high-performance computing. It is part of a modular interconnect system designed to handle dense data signals. --- ### 1. Component Overview This part belongs to a high-density, high-speed connector family. These connectors are engineered to maintain signal integrity while providing a physical interface between a daughtercard (line card) and a backplane. | Feature | Specification Details | | :--- | :--- | | **Connector Type** | Backplane / Daughtercard Interconnect | | **Interface Style** | Press-fit (Solderless) | | **Data Rates** | Optimized for 10Gbps to 25Gbps+ per lane (depending on configuration) | | **Orientation** | Right-Angle or Vertical (Model dependent) | | **Material** | High-temperature thermoplastic with Gold-plated contacts | --- ### 2. Key Electronic Characteristics #### A. Signal Integrity The internal lead frames are designed with **differential pair geometry**. This minimizes "crosstalk" (interference between adjacent signals) and "skew" (timing differences), which are critical for high-frequency data transmission. #### B. Press-Fit Technology The "R2" suffix often denotes a specific revision involving the compliant pin design. * **Mechanical Connection:** Uses "Eye-of-the-needle" pins. * **Electrical Benefit:** Eliminates the need for soldering, which reduces thermal stress on the PCB and ensures a low-resistance electrical path. #### C. Power and Grounding The connector features dedicated ground shields between signal columns. This creates a "Faraday Cage" effect for each differential pair, ensuring that high-speed signals do not degrade over the length of the connector. --- ### 3. Physical Construction * **Housing:** Liquid Crystal Polymer (LCP) or similar UL94V-0 rated plastic. * **Contacts:** High-conductivity Copper Alloy. * **Plating:** Typically 30µ" Gold (Au) over Nickel (Ni) on the contact interface for maximum corrosion resistance and conductivity. --- ### 4. Typical Applications 1. **Data Centers:** Connecting switch fabric modules to line cards. 2. **Telecommunications:** 5G base station processing units. 3. **Industrial Computing:** High-bandwidth RAID controllers and backplanes.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2AS1 series?
    • ⤷ How does press-fit technology compare to traditional SMT soldering for signal integrity?
    • ⤷ Are there specific insertion tools required for the M2AS1-5344-R2?