Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5423-R2

  • AI
    The **M2AS1-5423-R2** is a specialized electronic component, typically identified as a **high-speed, high-density mezzanine connector** or an **SFP (Small Form-factor Pluggable) cage assembly** used in networking hardware. These parts are designed to facilitate high-frequency data transmission between a Printed Circuit Board (PCB) and external modules. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | SFP/SFP+ Connector/Cage Assembly | | **Data Rate** | Typically supports up to 10 Gbps (SFP+) or higher | | **Mounting Type** | Press-fit or Surface Mount (SMT) | | **Orientation** | Right-angle, single port | | **Contact Material** | Copper Alloy with Gold over Nickel plating | | **Shielding** | Integrated EMI (Electromagnetic Interference) shielding | --- ### 2. Core Electronic Sub-parts To understand how this component functions within a circuit, it can be broken down into these functional areas: #### A. The Contact Interface * **Gold Plating:** The pins are usually plated with 15–30 micro-inches of gold. This ensures low contact resistance and prevents oxidation, which is critical for maintaining signal integrity at high frequencies. * **Impedance Control:** The internal geometry is designed to maintain a **100-ohm differential impedance**, matching the requirements of Ethernet and Fiber Channel protocols. #### B. EMI Shielding (Cage) * The "R2" suffix often denotes a specific revision of the metal cage. This cage acts as a **Faraday Cage**, preventing high-frequency noise from escaping the module and protecting the signal from external interference. #### C. Press-Fit Pins (Tail) * Instead of traditional soldering, these parts often use "Eye-of-the-Needle" compliant pins. This creates a cold-weld connection to the PCB vias, offering superior mechanical stability and better thermal performance than standard solder joints. --- ### 3. Typical Applications This part is commonly found in the following electronic environments: * **Network Switches/Routers:** Providing the interface for optical transceivers. * **Server Storage (SAN):** Used in Host Bus Adapters (HBAs). * **Telecommunications:** Base stations and backhaul equipment. --- ### 4. Pinout and Signal Integrity While the specific pinout follows the **SFF-8431 standard**, the electronic design focuses on: * **Signal Skew:** Minimizing the time delay between differential pairs. * **Crosstalk:** Reducing electromagnetic leakage between adjacent pins to prevent data corruption.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the R2 revision?
    • ⤷ Does this part support the SFP28 (25 Gbps) standard?
    • ⤷ What is the recommended PCB footprint for the M2AS1 series?