Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5431-R2/N

  • AI
    The **M2AS1-5431-R2/N** is a specific model of an **Industrial Motherboard (SBC)**, typically manufactured by companies specializing in embedded computing like Mitac or MiTAC Computing Technology. It is designed for high-reliability environments such as kiosks, digital signage, and industrial automation. Below is a breakdown of its electronic components and specifications. --- ### 1. Core Component Specifications | Component | Specification Details | | :--- | :--- | | **Form Factor** | 3.5" Single Board Computer (SBC) | | **Processor (CPU)** | Intel® Celeron® J6412 (Elkhart Lake) | | **Memory Support** | 1x DDR4 SO-DIMM (Up to 3200MHz, max 32GB) | | **Storage Interfaces** | 1x SATA III, 1x M.2 (Key M) for NVMe/SATA SSD | | **Power Input** | +12V DC-in (Internal or External connector) | --- ### 2. Connectivity and I/O Layout The board is characterized by its high density of peripheral connections required for industrial control: * **Display Interfaces:** * **HDMI/DisplayPort:** For high-resolution external monitors. * **LVDS/eDP:** Internal headers for connecting raw LCD panels directly. * **Networking:** * Dual Intel Gigabit Ethernet (LAN) ports for network redundancy or IoT gateway functions. * **Expansion Slots:** * **M.2 Key E:** Typically used for Wi-Fi/Bluetooth modules. * **M.2 Key B:** Often used for 4G/5G cellular modules or additional storage. * **Serial Communication:** * Multiple COM ports (RS232/422/485) for legacy hardware communication. --- ### 3. Key Electronic Characteristics #### A. Thermal Management As an industrial board, it features a **Fanless Design**. The CPU is positioned to dissipate heat through a large aluminum heatsink or directly to the chassis, reducing failure points caused by mechanical fans. #### B. Power Circuitry The board utilizes **Industrial Grade Capacitors** and a wide-input voltage regulation circuit to handle power fluctuations common in factory environments. It often includes an "Auto Power On" jumper for remote deployments. #### C. Robustness (N Series Variation) The "/N" suffix usually denotes a specific configuration or a "No-Heatsink" / "Neutral" OEM version intended for integration into specific enclosures where the customer provides the thermal solution. --- ### 4. Technical Pinout (General Overview) ```yaml Internal_Headers: - USB_2.0: 2x 5-pin headers - COM_Ports: 4x Box headers - GPIO: 8-bit Digital I/O (4-in, 4-out) - Audio: Front panel header (Line-out / Mic-in) - Power: 4-pin ATX or DC Jack ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2AS1-5431-R2/N?
    • ⤷ Does this motherboard support Windows 11 and Linux distributions?
    • ⤷ What is the operating temperature range for this specific industrial board?