Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-5433-R2/N

  • AI
    The **M2AS1-5433-R2/N** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for stabilizing current and filtering noise. Below is a breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications The part number follows a standard industry nomenclature for high-current power inductors. | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Power Inductor (Shielded) | | **Inductance** | 0.33 µH to 5.4 µH (Series dependent) | | **Footprint / Size** | 5.4mm x 5.4mm x 3.3mm (approx.) | | **Current Rating** | High Saturation Current (Isat) | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Core Internal Components The "Electronic Parts" within this inductor are constructed to minimize electromagnetic interference (EMI) and maximize energy storage. * **Magnetic Core:** Usually made of a **Metal Alloy Powder** or **Ferrite**. Metal alloy cores are preferred for high-current applications because they offer "soft saturation" characteristics, preventing a sudden drop in inductance. * **Winding (Coil):** A flat or round **Copper Wire** wound around the core. In high-efficiency models like the "M2AS" series, flat wire is often used to reduce DC resistance (DCR) and improve thermal performance. * **Magnetic Shielding:** The assembly is encapsulated in a magnetic resin or a metal shell. This prevents the magnetic field from interfering with neighboring components on the PCB. * **Terminations (Pads):** The bottom features **Lead-free (Sn) plated electrodes** for soldering onto the circuit board. --- ### 3. Functional Application These inductors are primary components in the following circuit types: 1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators to store energy during the switching cycle. 2. **Voltage Regulator Modules (VRM):** Commonly found in laptops and motherboards to provide stable power to CPUs or GPUs. 3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in high-frequency power lines. --- ### 4. Part Number Breakdown (Generic) While manufacturers vary, the code usually breaks down as follows: * **M2AS:** Series identifier (Manufacturer specific, often indicating molded alloy). * **5433:** Dimensions (5.4mm x 5.4mm base, 3.3mm height). * **R2/N:** Tolerance and packaging (R2 can denote 0.22µH or a specific revision; N often denotes a +/- 30% or 20% tolerance).
    ✨ Follow-up Questions
    • ⤷ What are the specific current ratings (Isat and Irms) for this inductor series?
    • ⤷ How does a metal alloy core compare to a ferrite core in high-frequency applications?
    • ⤷ Can this component be used in automotive-grade electronic designs?