Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6112-R/N

  • AI
    The **M2AS1-6112-R/N** is a specialized high-performance RF (Radio Frequency) electromechanical switch. These components are typically used in automated test equipment (ATE), telecommunications infrastructure, and laboratory environments where signal routing between instruments and devices under test (DUT) is required. --- ### 1. General Specifications The part number indicates a specific configuration within a manufacturer's series (likely associated with brands like **Dow-Key Microwave** or similar RF switch specialists). | Feature | Specification Details | | :--- | :--- | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Actuation Mode** | Failsafe or Latching (Model dependent) | | **Frequency Range** | Typically DC to 18 GHz or 26.5 GHz | | **Connector Type** | SMA Female | | **Voltage** | Usually 12V or 28V DC coil voltage | | **Impedance** | 50 Ohms | --- ### 2. Key Electronic Characteristics #### A. RF Performance * **Insertion Loss:** Measures the power lost when the signal passes through the switch. High-quality switches like this aim for <0.5 dB. * **Isolation:** The ability to "block" the signal from leaking into the unselected port. This is usually >60 dB. * **VSWR (Voltage Standing Wave Ratio):** Measures impedance matching. A low VSWR (e.g., <1.5:1) ensures minimal signal reflection. #### B. Actuation and Control The "R/N" suffix often refers to specific control options: * **Indicator Circuitry:** Provides a feedback signal to the controller to confirm the switch has physically moved to the desired position. * **TTL Logic:** Allows the switch to be controlled by standard 5V digital logic signals rather than raw power switching. --- ### 3. Application Use Cases 1. **Redundancy Switching:** In satellite ground stations, if one amplifier fails, this switch automatically routes the signal to a backup unit. 2. **Signal Routing:** In a lab setup, switching a single antenna input between an Oscilloscope and a Spectrum Analyzer. 3. **Automated Testing:** Integrated into rack-mount systems to cycle through multiple test frequencies without manual cable swapping. --- ### 4. Part Number Breakdown (Generic Industry Logic) While specific to the manufacturer, the code generally follows this logic: * **M2:** Series identifier (Miniature or Microminiature). * **AS1:** Configuration (Single Pole, Double Throw). * **6112:** Voltage and connector configuration (e.g., SMA connectors, 12VDC). * **R/N:** Options like specific Rohs compliance or Internal Terminations.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M2AS1 series?
    • ⤷ How do failsafe and latching actuation modes differ in this switch?
    • ⤷ What are the power handling capabilities (in Watts) for this RF switch?