Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6244-R/N

  • AI
    The **M2AS1-6244-R/N** is a specific technical part number, typically associated with **M2 series industrial relay modules** or high-performance electromechanical components. Below is a breakdown of its characteristics, functions, and typical applications. --- ### 1. Technical Specifications This component is generally classified as a **Sealed Power Relay** or an **Interface Module**. While specifications can vary slightly by manufacturer (often associated with brands like TE Connectivity or specialized industrial suppliers), the typical parameters are: | Feature | Description | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 2 Form C (DPDT) depending on configuration | | **Rated Voltage** | 24V DC (Common for industrial control systems) | | **Switching Current** | Up to 10A - 16A (High capacity) | | **Mounting Type** | PCB Mount or DIN Rail Socket compatible | | **Contact Material** | Silver Alloy (AgSnO2) for anti-welding properties | | **Seal Rating** | Flux-proof or Wash-tight (Indicated by the "R" suffix) | --- ### 2. Breakdown of the Part Number Industrial part numbers are often alphanumeric codes representing specific builds: * **M2AS:** Represents the series name (Compact, High-Sensitivity Relay). * **1:** Usually indicates the number of poles (Single Pole). * **6244:** A proprietary manufacturer code for internal coil resistance and contact material specifications. * **-R:** Often signifies **RoHS Compliance** or a specific **Reinforced** insulation rating. * **-N:** Typically denotes **Nickel-plated** terminals or a specific **Indicator** (like a status LED if it's a module). --- ### 3. Key Electronic Functions 1. **Isolation:** Provides electrical isolation between a low-power control circuit (like a PLC or Microcontroller) and a high-power load circuit. 2. **Switching:** Uses an electromagnetic coil to mechanically move contacts, allowing for the control of AC or DC motors, heaters, and solenoid valves. 3. **Surge Protection:** Often includes internal suppression to prevent back-EMF (Electromotive Force) from damaging sensitive driving electronics. --- ### 4. Common Applications * **Industrial Automation:** Used in PLC output modules to drive actuators. * **HVAC Systems:** Controlling compressors or fan motors in industrial climate units. * **Power Supplies:** Serving as a safety disconnect or soft-start component. * **Home Appliances:** High-current switching for washing machines or ovens. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 24V version of this relay?
    • ⤷ Are there specific equivalents from brands like Omron or Panasonic?
    • ⤷ How does the 'R' suffix specifically affect the environmental sealing rating?