Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6312-R/N

  • AI
    The **M2AS1-6312-R/N** is a specialized electronic component, typically categorized as a **Modular Jack (RJ45)** connector with integrated magnetics, often referred to as a "MagJack." It is designed for Ethernet networking applications. --- ### 1. Key Technical Specifications Below is a breakdown of the primary technical attributes for this component: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Integration** | Integrated Magnetics (Transformers/Chokes) | | **Port Configuration** | Single Port (1x1) | | **Orientation** | Right Angle (Side Entry) | | **Speed/Performance** | 10/100 Base-T (Fast Ethernet) | | **LED Configuration** | Green / Yellow (Typically) | | **Shielding** | Metal Shield with EMI Tabs | | **Mounting Type** | Through-Hole (THT) | --- ### 2. Internal Electronic Structure The "M2AS" series utilizes an internal PCB that houses several passive components to ensure signal integrity. * **Isolation Transformer:** Provides 1500Vrms isolation between the PHY (Physical Layer) chip and the Ethernet cable to protect the circuitry from static and surges. * **Common Mode Choke:** Filters out electromagnetic interference (EMI) and noise from the data lines. * **Termination Resistors:** Usually 75-ohm resistors (Bob Smith Termination) to reduce reflections and improve EMI performance. * **High-Voltage Capacitor:** Decouples the center taps to the chassis ground. --- ### 3. Pinout Logic While the external port is a standard RJ45 interface, the internal "solder side" pins connect to the PCB as follows: 1. **Input Side (PHY Side):** Receives differential signals (TX+/TX- and RX+/RX-) from the Ethernet controller. 2. **Output Side (Cable Side):** Standard 8-pin mapping for Cat5/Cat6 cabling. 3. **LED Pins:** Dedicated pins to power the status indicator lights (usually require 20mA current-limiting resistors on the main board). --- ### 4. Application Areas These connectors are widely used in industrial and consumer electronics where space-saving and noise reduction are critical: * **Embedded Systems:** Single-board computers (SBCs). * **Networking Gear:** Routers, switches, and bridges. * **Industrial PC:** Automation controllers and PLCs. * **IoT Gateways:** Devices requiring wired internet stability. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard RJ45 and a MagJack like the M2AS1-6312-R/N?
    • ⤷ Does this specific model support Power over Ethernet (PoE)?
    • ⤷ What are the footprint dimensions for PCB layout design?