Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6322-R/N

  • AI
    The **M2AS1-6322-R/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It belongs to the category of **Modular Connectors** (specifically RJ45/Ethernet connectors) with integrated magnetics. --- ## Technical Overview This component is a **MagJack** (Integrated Connector Module). Unlike a standard plastic RJ45 port, this part contains internal circuitry designed to filter signals and provide electrical isolation between the network cable and the PCB. ### 1. Key Specifications | Parameter | Description | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Speed/Protocol** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle (Side Entry) | | **Mounting Type** | Through-Hole (THT) | | **LED Configuration** | Typically Dual (Green/Yellow) | | **Shielding** | Metal Shield with EMI tabs | ### 2. Internal Electronic Components Inside the metal housing, the M2AS1-6322-R/N contains several passive electronic elements: * **Isolation Transformers:** Protects the sensitive PHY (Physical Layer) chip on the motherboard from high-voltage surges on the Ethernet cable. * **Common Mode Chokes:** Used to suppress electromagnetic interference (EMI) and noise to ensure signal integrity. * **Termination Resistors:** Typically 75-ohm resistors used to match impedance and reduce signal reflections. * **High-Voltage Capacitor:** Usually rated for 2kV to provide high-voltage isolation between the primary and secondary sides. ### 3. Pinout and Interface The component features two distinct sets of pins: 1. **Cable Side:** Standard 8-pin interface for the RJ45 plug. 2. **PCB Side:** Pins that solder into the circuit board, usually divided into: * **Signal Pins:** For transmitting and receiving data pairs. * **LED Pins:** To power the status indicator lights. * **Shield Tabs:** For grounding the metal chassis to the PCB ground plane. --- ## Applications * **Networking Hardware:** Routers, switches, and hubs. * **Industrial PC (IPC):** Providing ruggedized network access. * **Embedded Systems:** Single-board computers (SBCs) and IoT gateways. --- ## Example Wiring Logic (Conceptual) ```cpp // Logic for LED indicators often integrated in these parts if (link_established) { digitalWrite(GREEN_LED_PIN, HIGH); // Link Solid } if (data_transmitting) { digitalWrite(YELLOW_LED_PIN, TOGGLE); // Activity Blinking } ```
    ✨ Follow-up Questions
    • ⤷What is the footprint layout for the M2AS1-6322-R/N?
    • ⤷ Does this part support Power over Ethernet (PoE)?
    • ⤷ What are the common alternatives for this specific MagJack?