Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6332-R

  • AI
    The **M2AS1-6332-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Micro Switch** or a **Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls. --- ### 1. Technical Specifications Below are the typical electrical and mechanical characteristics for this class of component: | Feature | Specification | | :--- | :--- | | **Type** | Micro Switch / Tactile Switch | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuation Force** | Typically 160gf to 250gf (grams-force) | | **Contact Rating** | 50mA @ 12V DC (Standard) | | **Operating Life** | 100,000 to 1,000,000 cycles | | **Operating Temperature** | -25°C to +70°C | | **Body Dimensions** | 6.0 x 3.0 mm (approximate for 6332 series) | --- ### 2. Key Internal Electronic Parts The functionality of the M2AS1-6332-R relies on several core internal elements: 1. **Contact Dome (Snap Disk):** Usually made of stainless steel or phosphor bronze with silver plating. This provides the "click" feel and completes the electrical circuit. 2. **Actuator (Stem/Button):** The part the user presses. In the 6332 series, this is often a low-profile plastic plunger. 3. **Terminals:** Copper alloy leads, usually silver or gold plated for high conductivity and solderability. 4. **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) designed to withstand the heat of infrared (IR) reflow soldering. --- ### 3. Common Applications Due to its small footprint and reliable feedback, it is commonly found in: * **Mobile Devices:** Volume or power buttons. * **Automotive:** Key fobs and steering wheel controls. * **Wearables:** Smartwatches and fitness trackers. * **Home Automation:** Reset buttons on IoT devices. --- ### 4. Circuit Representation In an electronic schematic, this part is represented as a **Normally Open (NO)** momentary switch: ```text S1 (M2AS1-6332-R) o-------/ -------o | | VCC Signal ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for PCB layout of this part?
    • ⤷ Does this switch come in different actuation force variants?
    • ⤷ Is the M2AS1-6332-R rated for IP67 water resistance?