Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6343-R2

  • AI
    The **M2AS1-6343-R2** is a high-performance **1x1 Port RJ45 Connector with Integrated Magnetics** (also known as a MagJack). It is specifically designed for 10/100/1000 Base-T (Gigabit Ethernet) applications. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 with Internal Magnetics | | **Speed Support** | 10/100/1000 Base-T (Gigabit) | | **Configuration** | 1x1 Port (Single Port) | | **Mounting Type** | Through-Hole (THT), Right Angle | | **LED Configuration** | Typically Green/Yellow (Left/Right) | | **Shielding** | EMI Finger/Shielded Copper Alloy | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Internal Electronic Components Inside the housing of the M2AS1-6343-R2, there are several critical electronic stages that handle the signal between the Ethernet PHY (Physical Layer chip) and the network cable: ### A. Isolation Transformers * **Purpose:** Provides 1500V AC isolation between the input and output. * **Function:** Protects the sensitive circuitry on the PCB from voltage spikes and static on the network line. ### B. Common Mode Chokes * **Purpose:** EMI (Electromagnetic Interference) suppression. * **Function:** Filters out high-frequency noise while allowing the differential data signals to pass through cleanly. ### C. Termination Resistors & Capacitors * **Purpose:** Impedance matching (typically 75 Ohms). * **Function:** Known as "Bob Smith" termination, these components reduce reflections and prevent signal degradation over long cable runs. --- ## 3. Pinout and Signal Integrity The component utilizes a standard footprint. Below is the typical pin mapping for integrated magnetics: ```cpp // Typical Signal Path for 1000 Base-T // PHY Side (Input) -> Magnetics -> RJ45 Side (Output) TRD0+ ----[ Transformer ]---- Pin 1 (TX_D1+) TRD0- ----[ Transformer ]---- Pin 2 (TX_D1-) TRD1+ ----[ Transformer ]---- Pin 3 (RX_D2+) TRD1- ----[ Transformer ]---- Pin 6 (RX_D2-) // Pairs 3 and 4 follow for Gigabit speeds ``` --- ## 4. Key Advantages 1. **Space Saving:** By integrating the magnetics inside the RJ45 jack, you save approximately 50% of PCB real estate compared to using discrete transformers. 2. **Noise Reduction:** The shielded metal shell acts as a Faraday cage, significantly reducing EMI emissions and susceptibility. 3. **Reliability:** Factory-tested as a single unit, ensuring that the transformer turns ratios and LED polarities are perfectly matched to the housing. ---
    ✨ Follow-up Questions
    • ⤷What is the recommended PCB footprint for the M2AS1-6343-R2?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What are the specific LED colors and their forward voltage ratings?