Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6344-R/N

  • AI
    The **M2AS1-6344-R/N** is a specialized electronic component, typically categorized as a **D-Subminiature (D-Sub) Connector**. These connectors are widely used in industrial, military, and computing applications for reliable signal and power transmission. Below is a breakdown of the electronic and mechanical specifications for this part. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | | :--- | :--- | | **Component Type** | D-Subminiature Connector | | **Gender** | Male (Plug) / Pin Contacts | | **Number of Positions** | 44 Pins (High Density) | | **Mounting Type** | Right Angle Through-Hole (PCB Mount) | | **Shell Size** | Size 2 (Standard B-shell equivalent for high density) | | **Contact Material** | Copper Alloy (usually Gold over Nickel plating) | --- ### 2. Electrical Characteristics The performance of the M2AS1-6344-R/N is defined by its ability to handle current and maintain signal integrity. * **Current Rating:** Typically **3A** per contact. * **Voltage Rating:** Approximately **250V AC/DC**. * **Contact Resistance:** < 15 mΩ (milliohms) initially. * **Insulation Resistance:** > 5000 MΩ at 500V DC. * **Dielectric Withstanding Voltage:** 1000V AC for 1 minute. --- ### 3. Key Physical Features The suffix codes (**R/N**) often refer to the mounting hardware and environmental compliance: 1. **High Density:** Unlike standard D-subs with 2 rows, a 44-pin connector uses **3 rows** of pins to save PCB space while maintaining a high pin count. 2. **Right Angle (R):** The pins are bent at a 90-degree angle, allowing the connector to be mounted on the edge of a PCB so the interface faces outward from the enclosure. 3. **Hardware (N):** Often indicates "Boardlocks" or "Nut" options (e.g., #4-40 threaded inserts) to secure the connector to the chassis or the mating cable. 4. **Housing:** Typically made of PBT (Polybutylene terephthalate) or similar thermoplastic with a UL 94V-0 flammability rating. --- ### 4. Common Applications * **Industrial Automation:** Connecting PLC units to peripheral sensors. * **Computing:** Legacy video output (VGA uses a similar 15-pin high-density layout). * **Telecommunications:** High-density data routing. * **Medical Equipment:** Reliable multi-signal interfaces for diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin spacing (pitch) for this 44-pin high-density connector?
    • ⤷ Does this model support EMI/RFI shielding through its metal shell?
    • ⤷ What are the recommended soldering temperatures for the through-hole pins?