Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6413-R

  • AI
    The **M2AS1-6413-R** is a specific electronic component, typically categorized as a **surface-mount (SMD) power inductor** or a specialized magnetic component used in power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the technical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 64 mH (Millihenries) or specific to series rating | | **Tolerance** | ±10% or ±20% | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | | **Application** | DC-DC Converters, Filtering, Power Supplies | --- ### 2. Key Electronic Features * **High Saturation Current:** Designed to maintain inductance even when high levels of direct current (DC) pass through the coil. * **Low DC Resistance (DCR):** Minimizes power loss (heat) within the inductor, improving the overall efficiency of the power circuit. * **Magnetic Shielding:** Most parts in this series are shielded to reduce Electromagnetic Interference (EMI), preventing the magnetic field from affecting nearby sensitive components. * **Thermal Stability:** Rated for industrial temperature ranges, typically operating between **-40°C to +125°C**. --- ### 3. Pinout and Physical Construction The "M2AS" series usually features a robust construction to withstand lead-free soldering processes. 1. **Core Material:** Usually Ferrite, which provides high permeability and low losses at high frequencies. 2. **Termination:** Tin-plated copper pads for reliable SMD soldering. 3. **Encapsulation:** Epoxy resin or a metal shield housing to protect the internal windings from mechanical stress and moisture. --- ### 4. Common Applications This part is commonly found in: * **Automotive Electronics:** Power modules for infotainment or ECU filtering. * **Industrial Power Supplies:** Used in buck/boost converters to smooth output voltage. * **Consumer Electronics:** High-efficiency voltage regulators for laptops or servers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M2AS1 series?
    • ⤷ Can this inductor be used in high-frequency switching power supplies?
    • ⤷ What are the physical dimensions (footprint) of the M2AS1-6413-R?