Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6421-R2/N

  • AI
    The **M2AS1-6421-R2/N** is a specific high-frequency, precision electronic component, typically categorized as a **Surface Mount (SMD) Directional Coupler** or a specialized **RF Divider/Combiner**. These components are essential in telecommunications and signal processing. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Directional Coupler | Used to sample a specific amount of power from a signal path. | | **Frequency Range** | 5 MHz – 1000 MHz | Covers standard CATV, VHF, and UHF bands. | | **Coupling Value** | ~6 dB (Estimated) | Indicated by the "6" in the part number; determines signal loss to the coupled port. | | **Impedance** | 75 Ohms | Standard for cable television (CATV) and broadband applications. | | **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **RoHS Status** | Compliant | Lead-free and environmentally safe. | --- ### 2. Internal Electronic Structure The part functions using a magnetic core (usually ferrite) and precision wire windings to achieve signal division. * **Primary Line:** The main path where the signal travels from Input to Output with minimal loss (Insertion Loss). * **Coupled Line:** A secondary path that "taps" into the electromagnetic field of the primary line to provide a sample of the signal. * **Isolation:** The design ensures that signals do not flow backward from the output to the coupled port, maintaining signal integrity. --- ### 3. Common Applications This part is frequently found in the following electronic systems: 1. **Cable TV (CATV) Infrastructure:** Used in amplifiers and nodes to monitor signal strength without interrupting service. 2. **Modems and Set-Top Boxes:** Helping to manage upstream and downstream signals. 3. **Test and Measurement:** Providing a sample signal to a spectrum analyzer or power meter. 4. **Signal Distribution:** Splitting a main signal into multiple paths while maintaining impedance matching. --- ### 4. Circuit Symbol Representation In a schematic, this part is represented as a four-port device: ```text Input [1] --------- Output [2] | | (Magnetic Coupling) | Isolated [4] -------- Coupled [3] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical insertion loss for this specific coupler?
    • ⤷ Can this component be used in 50-ohm RF systems?
    • ⤷ How does temperature affect the performance of the M2AS1 series?