Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6422-R2

  • AI
    The **M2AS1-6422-R2** is a specialized electronic component, typically categorized as a high-density, high-speed connector or a specific module interface used in telecommunications and server hardware. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is often associated with high-performance networking equipment. It is engineered for signal integrity and durability in high-vibration environments. | Feature | Description | | :--- | :--- | | **Component Type** | Interconnect / High-Density Connector | | **Configuration** | Multi-pin, Right-angle or Vertical (depending on sub-variant) | | **Contact Plating** | Usually Gold (Au) over Nickel (Ni) for enhanced conductivity | | **Current Rating** | Typically 0.5A to 1.5A per contact | | **Operating Temperature** | -40°C to +105°C | ### 2. Physical & Material Properties The build quality focuses on thermal management and mechanical stability. * **Housing Material:** High-temperature Thermoplastic (UL 94V-0 rated). * **Contact Material:** Phosphor Bronze or Copper Alloy. * **Mounting Type:** Surface Mount (SMT) or Through-Hole (THT), often featuring alignment posts for precise PCB placement. ### 3. Key Electronic Functions The M2AS1 series is designed to handle high-speed data transmission with minimal crosstalk. 1. **Signal Integrity:** Optimized impedance matching (typically 100 Ohms differential) to prevent signal reflection in high-frequency applications. 2. **EMI Shielding:** Often includes integrated grounding tabs to reduce Electromagnetic Interference (EMI) in sensitive circuits. 3. **Low Insertion Force (LIF):** Designed to prevent damage to the PCB or the mating component during assembly. ### 4. Common Applications Due to its robust design, this part is frequently found in the following sectors: * **Data Centers:** High-speed switch fabrics and server backplanes. * **Industrial Automation:** Controller-to-board interfaces. * **Telecommunications:** Base station power and data distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2AS1-6422-R2 variant?
    • ⤷ Does this component comply with RoHS environmental standards?
    • ⤷ What are the recommended footprint dimensions for PCB layout?