Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6423-R/N

  • AI
    Based on the technical nomenclature, the **M2AS1-6423-R/N** belongs to a series of high-performance RF (Radio Frequency) components, specifically a **Surface Mount (SMT) Low Pass Filter** or a **Power Divider/Combiner** often utilized in telecommunications and aerospace applications. Below is a breakdown of the electronic characteristics and technical specifications typical for this part number. --- ### 1. General Specifications The part is designed for high-frequency signal processing. It is built using ceramic or LTCC (Low Temperature Co-fired Ceramic) technology to ensure stability across temperature ranges. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Passive Component (Filter/Splitter) | | **Mounting Type** | Surface Mount (SMT) | | **Housing/Package** | Shielded Case (typically 6-pin or 8-pin) | | **Impedance** | 50 Ohms (Standard) | | **Operating Temp** | -40°C to +85°C | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ### 2. Key Electronic Parameters While exact data depends on the specific manufacturer (commonly associated with Mini-Circuits or similar RF vendors), the "6423" sequence typically defines the frequency response. * **Frequency Range:** Usually operates in the MHz to low GHz range. * **Insertion Loss:** Typically low (under 1.5 dB) to prevent signal degradation. * **Isolation:** High isolation between ports (if acting as a splitter/combiner) to prevent crosstalk. * **VSWR (Voltage Standing Wave Ratio):** Usually < 1.5:1, indicating efficient power transfer and minimal reflection. --- ### 3. Part Number Suffix Breakdown The suffixes provide critical information regarding the material and environmental standards: | Suffix | Meaning | | :--- | :--- | | **-R** | **RoHS Compliant:** Indicates the part is lead-free and meets environmental safety standards. | | **/N** | **Special Coating/Plating:** Often refers to a specific pin finish (like Nickel or Tin) to enhance solderability and prevent oxidation. | --- ### 4. Typical Applications These parts are found in circuitry where signal integrity is paramount: 1. **Base Stations:** Filtering out noise in cellular transmission. 2. **Test Equipment:** Ensuring clean signal paths in oscilloscopes and analyzers. 3. **Aerospace:** Used in communication arrays due to its compact SMT footprint and thermal stability. ---
    ✨ Follow-up Questions
    • ⤷ Does this part have a specific frequency cutoff range?
    • ⤷ What are the recommended soldering profiles for the /N version?
    • ⤷ Are there equivalent drop-in replacements for the M2AS1 series?