Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6423-R2

  • AI
    The **M2AS1-6423-R2** is a specialized electronic component, typically identified as a high-performance **Magnetic Angle Sensor** or a related sensor module (often associated with automotive or industrial motion control systems). Below is a breakdown of its technical characteristics and typical internal architecture. --- ## 1. Technical Specifications This component is designed for contactless position sensing. It translates the orientation of a magnetic field into a readable electrical signal. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetoresistive (MR) / Hall-Effect | | **Output Type** | Analog / PWM / Digital (I2C or SPI depending on variant) | | **Resolution** | Up to 12-bit or 14-bit | | **Operating Voltage** | Typically 3.3V to 5V DC | | **Enclosure/Package** | Surface Mount (SMD) or Module-based | | **Primary Application** | Steering angle, Throttle position, Robotics | --- ## 2. Key Internal Electronic Parts The device is not a single part but an Integrated Circuit (IC) or a micro-module containing several sub-components: ### A. Sensing Element * **Magnetoresistive Bridge:** Uses thin-film ferromagnetic materials whose resistance changes based on the angle of an external magnetic field. * **Hall-Effect Array:** Alternatively, some R2 variants use a circular array of Hall elements to calculate the sine and cosine components of the magnetic vector. ### B. Signal Conditioning (ASIC) * **ADC (Analog-to-Digital Converter):** Converts the raw analog voltage from the sensors into high-resolution digital data. * **CORDIC Processor:** A dedicated logic block that calculates the trigonometric functions (ArcTan) needed to determine the exact angle in degrees. * **EEPROM:** Internal non-volatile memory used to store calibration data and zero-point offsets. ### C. Protection Circuitry * **ESD Diodes:** Protects the input/output pins from electrostatic discharge. * **Reverse Polarity Protection:** Prevents damage if the power supply is connected incorrectly. --- ## 3. Typical Pin Configuration While specific to the PCB layout, the electronic interface usually follows this standard: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Supply Power | Input voltage (3.3V/5V). | | **GND** | Ground | Common reference point. | | **OUT** | Signal Output | Provides the angle value (Analog or PWM). | | **SCL/SDA** | Communication | I2C Data lines for configuration and digital reading. | --- ## 4. Operational Principle 1. **Magnetic Interaction:** A permanent magnet is attached to a rotating shaft above the M2AS1-6423-R2. 2. **Field Detection:** As the magnet rotates, the internal MR/Hall bridge detects the change in flux direction. 3. **Processing:** The internal ASIC filters noise and compensates for temperature drift. 4. **Output:** The sensor outputs a linear voltage or a digital word corresponding to 0°–360°.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting tolerances for the magnet above this sensor?
    • ⤷ Does this model support ASIL-B or functional safety standards for automotive use?
    • ⤷ Can you provide a sample code block for reading this sensor via I2C?