Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6441-R2

  • AI
    ## Overview of M2AS1-6441-R2 The **M2AS1-6441-R2** is a specialized high-speed backplane connector, typically part of the **ExaMAX®** or similar high-density orthometric series produced by manufacturers like **Amphenol**. These components are engineered to support massive data throughput in enterprise-level networking and server environments. --- ### Technical Specifications The following table outlines the primary electronic and mechanical characteristics of this connector series: | Parameter | Specification | | :--- | :--- | | **Connector Type** | Right-Angle Daughtercard / Receptacle | | **Data Rate Support** | 25Gbps to 56Gbps (PAM4) per channel | | **Impedance** | 92 $\Omega$ to 100 $\Omega$ | | **Configuration** | 6 Columns, 4 Pair (24 Differential Pairs total) | | **Termination Style** | Press-fit (Compliant Pin) | | **Pitch** | 2.00mm to 3.00mm (Variable by grid) | --- ### Key Electronic Components & Features #### 1. Signal Integrity (SI) Optimization The connector utilizes a **lead-frame technology**. Unlike traditional pin-and-socket connectors, the internal copper paths are stamped and shaped to minimize impedance discontinuities. This is critical for maintaining signal clarity at frequencies required for 56G PAM4 signaling. #### 2. EMI Shielding The "R2" designation often refers to a specific revision or layout that includes enhanced grounding shields. * **Integrated Ground Planes:** Each differential pair is surrounded by dedicated ground shields. * **Crosstalk Reduction:** The physical arrangement significantly reduces "Near-End Crosstalk" (NEXT) and "Far-End Crosstalk" (FEXT). #### 3. Press-Fit Termination The electronic connection to the PCB is made via **eye-of-the-needle** compliant pins. * **Benefit:** Eliminates the need for soldering, which reduces thermal stress on the PCB. * **Reliability:** Provides a gas-tight connection that is resistant to vibration. #### 4. Beam Design The receptacle contains a dual-beam contact interface. This provides two points of contact for every signal pin, ensuring electrical continuity even under mechanical stress or thermal expansion. --- ### Common Applications Due to its high density and high-speed rating, the M2AS1-6441-R2 is found in: * **Edge Routers:** High-capacity data routing. * **Storage Arrays:** High-speed NVMe over Fabric (NVMe-oF) connections. * **Supercomputing:** Interconnects for high-performance computing (HPC) clusters. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the 4-pair 6-column configuration?
    • ⤷ Can this connector be used in 112G implementations?
    • ⤷ What are the specific PCB footprint requirements for the R2 revision?