Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6441-R2SLASHQ

  • AI
    The part number **M2AS1-6441-R2/Q** refers to a high-precision, automotive-grade **Current Sensor**, typically based on Shunt technology combined with integrated signal conditioning. These components are essential in Battery Management Systems (BMS) and Power Distribution Units (PDU). --- ### 1. Component Overview This specific module is designed for measuring high DC currents with extreme accuracy and stability over time. The "R2" and "Q" suffixes usually denote revision levels and **AEC-Q100** (Automotive) qualification. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | Manganin Shunt with Integrated Electronics | | **Interface** | CAN Bus (often ISO 11898 compliant) | | **Measurement Range** | Up to ±1500A or ±2000A (Model dependent) | | **Accuracy** | < 0.5% over temperature range | | **Voltage Range** | 12V / 24V / 48V Systems | | **Qualification** | AEC-Q100 / ASIL Rated (Automotive Safety) | --- ### 2. Key Electronic Features #### A. The Shunt Resistor The core of the device is a low-resistance **Manganin shunt**. Manganin is chosen for its extremely low Temperature Coefficient of Resistance (TCR), meaning the resistance value does not change significantly as the part heats up. #### B. Integrated Smart Electronics Unlike a passive shunt, the "M2AS" series includes an onboard **ASIC** (Application-Specific Integrated Circuit) or a high-end Microcontroller that performs: * **Analog-to-Digital Conversion (ADC):** Converts the millivolt drop across the shunt into a digital value. * **Temperature Compensation:** Uses an internal NTC or temperature sensor to correct for any minor thermal drift in the shunt material. * **Galvanic Isolation:** Provides electrical separation between the high-current busbar and the low-voltage communication logic. #### C. Communication (CAN Interface) The part outputs data via a **CAN Bus** interface. This allows it to report: 1. **Current:** Real-time amperage. 2. **Voltage:** Often includes a secondary channel to measure the busbar voltage. 3. **Coulomb Counting:** Tracks state-of-charge (SoC) by integrating current over time. --- ### 3. Application Areas The M2AS1 series is predominantly found in: * **Electric Vehicles (EVs):** Monitoring the main traction battery. * **Hybrid Vehicles (HEV):** Balancing the load between the engine and motor. * **Energy Storage Systems (ESS):** Managing large-scale battery banks. * **Smart Fuse Boxes:** Providing digital overcurrent protection. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific CAN ID configurations for the M2AS1 series?
    • ⤷ How does the 'R2' revision differ from the original 'R1' version in terms of pinout?
    • ⤷ What is the maximum operating temperature for this automotive current sensor?