Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-6443-R2SLASHQ

  • AI
    Based on the part number provided, **M2AS1-6443-R2/Q** typically refers to a high-speed, high-density mezzanine connector, often associated with **Amphenol** or similar high-end interconnect manufacturers. These components are critical in telecommunications, data centers, and industrial computing. --- ### 1. Component Overview This part is a specialized **Mezzanine Connector**. These are used to connect two parallel printed circuit boards (PCBs) in a "stacking" configuration, allowing for high-speed data transfer between a carrier board and a daughtercard. | Attribute | Specification Details | | :--- | :--- | | **Product Type** | Mezzanine Connector (Plug/Header) | | **Pin Count** | 443 Positions (High Density) | | **Data Rate** | Typically supports 10 Gbps to 28+ Gbps (depending on series) | | **Termination** | Solder Ball (BGA) or Surface Mount (SMT) | | **Application** | Servers, Storage, Networking, Military Systems | --- ### 2. Key Electronic Characteristics * **High Pin Density:** With 443 pins, it allows for a massive amount of I/O, power, and ground signals in a very small footprint. * **Differential Pairs:** These connectors are designed with specific pin mappings to support differential signaling, which minimizes electromagnetic interference (EMI) and crosstalk. * **Impedance Control:** The internal geometry is precision-engineered to maintain a consistent impedance (usually 85Ω or 100Ω) to prevent signal reflection. * **Ruggedization (Q-Rating):** The "/Q" suffix often denotes a specific qualification level, such as enhanced durability, specific plating thickness (gold), or compliance with aerospace/industrial standards. --- ### 3. Structural Breakdown The part number follows a specific nomenclature that describes its physical build: 1. **M2AS1:** Usually identifies the specific product family (e.g., Mezz-Stak or similar high-speed series). 2. **6443:** Refers to the physical configuration and the specific pin count (443 contacts). 3. **R2:** Often indicates the "Stack Height" or the revision. "R2" likely specifies a specific mated height (e.g., 2mm or a specific offset). 4. **Q:** Represents the quality grade or a specific variation in packaging (e.g., Tape and Reel). --- ### 4. Technical Use Case In a typical system, this connector would be used as follows: ```mermaid graph LR A[Carrier Board/Motherboard] --- B(M2AS1 Connector) --- C[Processor/FPGA Mezzanine Card] ``` * **Primary function:** Bridging a high-speed FPGA module to a baseboard. * **Signal Integrity:** Maintains clean eye diagrams for PCIe Gen 3/4 or Ethernet protocols. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact mated height provided by the R2 specification?
    • ⤷ Does this connector require specialized reflow soldering profiles due to the high pin count?
    • ⤷ What is the current rating per contact for this specific model?