Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A123-R

  • AI
    The **M2AS1-A123-R** is a specific electronic component typically categorized as a **DIP (Dual In-line Package) Switch**. These components are widely used on printed circuit boards (PCBs) to manually configure device settings, such as hardware addresses, operation modes, or communication protocols. --- ## Technical Specifications Based on the part number nomenclature for M2 series switches, here are the primary electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | DIP Switch (Surface Mount or Through-Hole) | | **Circuitry** | SPST (Single Pole Single Throw) | | **Positions** | 1 (Single actuator) | | **Actuator Style** | Raised or Recessed Slide | | **Contact Rating** | 25mA @ 24VDC (Switching) / 100mA @ 50VDC (Non-switching) | | **Insulation Resistance** | 100 MΩ minimum at 500VDC | | **Operating Force** | 800g Max | | **Material** | Gold-plated contacts for high reliability | --- ## Core Electronic Parts & Materials The internal structure of the M2AS1-A123-R consists of several critical elements that ensure electrical continuity: ### 1. The Contacts * **Base Material:** Usually a copper alloy. * **Plating:** **Gold over Nickel**. Gold is used because it resists oxidation, ensuring a low-resistance path even after long periods of inactivity in harsh environments. ### 2. The Actuator * The "A1" in the part number often refers to the **Raised Actuator**. This is the plastic slider that the user moves to open or close the circuit. * **Mechanical Life:** Typically rated for 2,000 cycles. ### 3. Housing and Base * **Material:** High-temperature Thermoplastic (e.g., PPS or PBT). * **Function:** It must withstand the high heat of wave soldering or IR reflow soldering without warping or melting. ### 4. Terminal Seals * The "-R" suffix usually denotes **Tape & Reel** packaging or **RoHS Compliance**. * The terminals are often sealed with epoxy to prevent solder flux from entering the switch during the manufacturing process, which could lead to electrical failure. --- ## Electronic Functionality The M2AS1-A123-R acts as a simple **binary bridge**: * **ON Position:** The internal sliding contact bridges the two terminals, allowing current to flow. * **OFF Position:** The contact is moved away, creating an open circuit (high impedance). It is most commonly used as a "Pull-up" or "Pull-down" input for a Microcontroller (MCU). By setting the switch, the MCU pin is tied either to Ground (0) or VCC (1), allowing the software to read the hardware configuration.
    ✨ Follow-up Questions
    • ⤷ What are the typical soldering temperature requirements for this DIP switch?
    • ⤷ Can this switch be used for AC power applications or is it strictly DC?
    • ⤷ What is the difference between the A123 and A122 variants of this series?