Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A143-R2

  • AI
    The **M2AS1-A143-R2** is a specific automotive-grade relay, typically manufactured by **Song Chuan**. It is widely used in vehicle power management systems due to its high switching capacity and compact Micro ISO footprint. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the M2AS1-A143-R2: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Micro ISO Automotive Relay | | **Contact Form** | SPST (Single Pole Single Throw) - Normally Open (1 Form A) | | **Coil Voltage** | 12V DC | | **Switching Current** | 35A (Continuous) | | **Contact Material** | Silver Tin Oxide (AgSnO) | | **Suppression** | Resistor (Indicated by the "R" in the suffix) | | **Terminal Type** | Plug-in / PC Board | --- ### 2. Key Component Features #### A. Internal Resistor (Suppression) The "R2" suffix in the part number indicates that a **resistor** is wired in parallel with the coil. * **Purpose:** When the relay coil is de-energized, the collapsing magnetic field creates a high-voltage spike (back-EMF). * **Benefit:** The resistor suppresses this spike, protecting sensitive upstream electronic control units (ECUs) or transistors from damage. #### B. Contact Material (AgSnO) The use of **Silver Tin Oxide** contacts is standard for high-performance automotive relays. * It offers excellent resistance to "welding" (contacts sticking together) during high-current inrush. * It handles inductive loads (motors, solenoids) better than standard silver contacts. #### C. Micro ISO Standard The "M2" designation refers to the physical size. This is a **Micro** relay, which is smaller than the standard "Mini" ISO relays, allowing for higher density in fuse boxes and power distribution modules. --- ### 3. Pin Configuration (Internal View) Most M2AS series relays follow the standard 4-pin Micro ISO layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **85** | Coil Ground | Connection to ground (or control side). | | **86** | Coil Positive | 12V input to activate the relay. | | **30** | Common / Input | High current source input. | | **87** | Normally Open | Output to the load (active when energized). | --- ### 4. Typical Applications * **Engine Cooling Fans:** High-current switching for thermal management. * **Fuel Pumps:** Reliable power delivery for fuel injection systems. * **ABS Systems:** Providing power to anti-lock braking modules. * **Lighting:** Controlling high-beam/low-beam headlights.
    ✨ Follow-up Questions
    • ⤷ What is the resistance value of the internal suppression resistor in this model?
    • ⤷ Can this relay be used in 24V automotive systems?
    • ⤷ What are the main differences between the '1 Form A' and '1 Form C' versions of this relay?