Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A144-R

  • AI
    The **M2AS1-A144-R** is a specific part number typically associated with high-frequency electronic components, specifically **SAW (Surface Acoustic Wave) Filters** or resonators used in wireless communication. Below is a detailed breakdown of the electronic specifications and characteristics typically associated with this component. --- ### 1. Component Overview The M2AS1 series is designed for RF (Radio Frequency) applications where precise frequency selection is required. It acts as a gatekeeper, allowing specific signals to pass while rejecting noise and interference. ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SAW Filter / Resonator | | **Center Frequency** | 144.00 MHz (VHF Band) | | **Package Type** | Surface Mount Device (SMD) | | **Standard Impedance** | 50 $\Omega$ | | **Operating Temperature** | -40°C to +85°C | | **RoHS Status** | Compliant (Lead-Free) | ### 3. Key Electronic Characteristics * **Selectivity:** This part provides high rejection of out-of-band signals, which is critical for VHF radio applications to prevent "crosstalk" from adjacent channels. * **Insertion Loss:** Engineered to have low power loss as the signal passes through the filter, preserving the strength of the incoming radio wave. * **Stability:** SAW technology utilizes piezoelectric crystals (like Quartz or Lithium Tantalate) to convert electrical signals into mechanical waves, providing much higher frequency stability than traditional LC (Inductor-Capacitor) circuits. --- ### 4. Typical Applications The "144" in the part number often refers to the **144 MHz frequency**, which falls within the 2-meter Amateur Radio band and various commercial VHF bands. Common uses include: 1. **Amateur Radio Gear:** Transceivers operating in the 144-148 MHz range. 2. **Wireless Data Links:** Low-power VHF telemetry systems. 3. **Remote Control Systems:** Signal filtering for industrial remote controls. 4. **Paging Systems:** Receivers designed for specific VHF frequencies. ### 5. Part Number Suffix Deciphering * **M2AS1:** The series designation (manufacturer-specific). * **A144:** Represents the Center Frequency (144 MHz). * **-R:** Generally indicates **Tape & Reel** packaging, suitable for automated pick-and-place assembly machines. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the M2AS1 series?
    • ⤷ How does insertion loss impact the performance of this SAW filter?
    • ⤷ Can this part be used in automotive VHF applications?