Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A224-R

  • AI
    The **M2AS1-A224-R** is a specific electronic component, typically identifying a **DIP (Dual In-line Package) Switch**. These components are widely used in industrial controls, telecommunications, and computer hardware to manually set configurations or binary inputs. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard nomenclature for high-quality miniature slide-type switches. | Parameter | Specification | | :--- | :--- | | **Type** | DIP Switch (Slide Type) | | **Number of Positions** | Typically 1 to 12 (indicated by the series suffix) | | **Actuator Type** | Recessed or Raised Slide | | **Mounting Type** | Through-hole (PCB Mount) | | **Contact Rating** | 25mA @ 24VDC (Switching) / 100mA @ 50VDC (Steady) | | **Operating Temperature** | -20°C to +85°C | --- ### 2. Key Internal Components #### A. Contact Mechanism * **Gold-Plated Contacts:** Most parts in this series feature gold-over-nickel plating on the contacts. This prevents oxidation and ensures low contact resistance over long periods of inactivity. * **Wiping Action:** The slide mechanism is designed with a "wiping" action that cleans the contact surface every time the switch is toggled, improving reliability. #### B. Housing and Materials * **Base & Cover:** Made of high-temperature UL94V-0 rated thermoplastic (usually PBT or PPS), allowing it to withstand wave soldering temperatures. * **Seal (Top Tape):** The "R" in the suffix often indicates **Reel** packaging or a **Top Tape Seal**, which allows the component to undergo aqueous or solvent cleaning after soldering without damaging the internal contacts. --- ### 3. Pinout and Circuitry The M2AS1 series usually follows a **SPST (Single Pole Single Throw)** configuration for each individual switch in the block. ```text [ Top View ] 1 2 3 4 ... (N) +--+--+--+--+ |ON|ON|ON|ON| | | | | | <-- Sliders +--+--+--+--+ | | | | (Bottom Pins) ``` * **OFF Position:** The circuit is open. * **ON Position:** The pin directly across from the top pin is shorted, closing the circuit. --- ### 4. Common Applications * **Address Settings:** Setting unique IDs for devices on a bus (like RS-485 or DMX). * **Configuration:** Selecting baud rates, frequency channels, or operating modes on a PCB. * **Security:** Logic-level inputs for hardware-based password or key settings. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between recessed and raised actuators in DIP switches?
    • ⤷ How do I calculate the pull-up resistor value for a DIP switch input?
    • ⤷ Is the M2AS1-A224-R compatible with reflow soldering?