Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A231-R

  • AI
    The **M2AS1-A231-R** is a specific model of an **Industrial Solid State Relay (SSR)**, typically manufactured by companies like Magnecraft (Schneider Electric). These components are used to switch electrical loads without any moving parts, utilizing semiconductor technology. --- ### Technical Specifications The part number follows a specific nomenclature that defines its electronic capabilities: | Feature | Specification | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Switching Mode** | Zero Voltage Switching (Zero Cross) | | **Output Current** | 25 Amperes | | **Output Voltage** | 24 - 280 VAC | | **Control Voltage** | 3 - 32 VDC | | **Mounting** | Panel Mount / Chassis Mount | | **Termination** | Screw Terminals | --- ### Key Electronic Components & Functions 1. **Optoisolator (Optical Coupling):** The input side (Control) is electrically isolated from the output side (Load) via an internal LED and photosensitive transistor. This prevents high-voltage spikes on the AC line from damaging the DC control circuitry (e.g., a PLC or Arduino). 2. **Zero-Cross Circuitry:** The "Zero Cross" feature ensures the relay only switches **ON** when the AC sine wave passes through zero volts. This minimizes electromagnetic interference (EMI) and reduces inrush current stress on the load. 3. **TRIAC or Dual SCR Output:** The switching element consists of high-power semiconductors (usually back-to-back SCRs). Unlike mechanical relays, these do not arc, bounce, or wear out over time, making them ideal for high-cycle applications. 4. **Internal Snubber Network:** It often includes an RC (Resistor-Capacitor) network to protect the semiconductor from rapid changes in voltage ($dv/dt$), which is crucial when driving inductive loads like motors or solenoids. --- ### Application Use Cases * **Heating Control:** PID-controlled heaters where fast switching is required to maintain precise temperatures. * **Motor Control:** Small AC motors that require frequent start/stop cycles. * **Lighting Systems:** Switching large banks of AC lights without the noise of mechanical contactors. --- ### Comparison: SSR vs. Mechanical Relay | Feature | Solid State (M2AS1) | Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Theoretically Infinite | Limited (Mechanical Wear) | | **Switching Speed** | Microseconds | Milliseconds | | **Acoustic Noise** | Silent | Audible Click | | **Heat Generation** | High (Requires Heatsink) | Low |
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a 25A SSR like the M2AS1?
    • ⤷ Can this relay be used with a PWM control signal?
    • ⤷ How do I wire the 3-32 VDC control input to a microcontroller?