Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A321-R2

  • AI
    The **M2AS1-A321-R2** is a specific variant of a high-performance **M.2 Solid State Drive (SSD)**, typically manufactured for industrial or embedded applications (often associated with brands like Apacer or Advantech). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The model name indicates a specific hardware configuration. Here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | SATA III (6.0 Gbps) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | Typically 32GB (indicated by the '32' in the string) | | **Connector Key** | B+M Key (compatible with most M.2 slots) | --- ## 2. Key Electronic Components The PCB (Printed Circuit Board) of the M2AS1-A321-R2 consists of several critical integrated circuits (ICs): ### A. NAND Flash Memory The storage core of the device. Being an industrial-grade part, it uses **3D TLC** technology. * **Function:** Non-volatile storage of data. * **Electronic Property:** Uses "Charge Trap" or "Floating Gate" technology to store electrons within cells to represent bits. ### B. SSD Controller The "brain" of the drive. * **Function:** Manages Wear Leveling, Bad Block Management, and ECC (Error Correction Code). * **Communication:** Translates SATA commands from the host CPU into physical operations on the NAND chips. ### C. Power Management Circuitry (PMIC) * **Voltage:** Operates on a standard **3.3V** DC rail supplied by the M.2 slot. * **Regulators:** On-board buck converters step down the voltage for the controller (often 1.0V - 1.8V) and the NAND flash. ### D. Data Protection Features The "R2" revision often signifies specific firmware or hardware optimizations for reliability: * **S.M.A.R.T. Support:** Monitoring electronics that track health, temperature, and erase cycles. * **Thermal Throttling:** Electronic sensors that reduce clock speeds if the components exceed safe operating temperatures (usually -40°C to +85°C for industrial variants). --- ## 3. Pin Configuration (M.2 SATA) As a SATA-based M.2 module, the electrical interface follows this logic: ```c // Simplified Pinout Mapping Pins 1-11: Power (3.3V) and Ground (GND) Pins 12-19: Reserved / NC Pins 20-39: Manufacturing signals / Configuration Pins 40-49: SATA Differential Pairs (TX+/TX- and RX+/RX-) Pins 70-75: Power (3.3V) ``` --- ## 4. Summary Table | Component | Purpose | | :--- | :--- | | **Controller** | Data routing and flash management | | **NAND ICs** | Physical data storage | | **Capacitors** | Filtering electrical noise and ensuring power stability | | **Crystals** | Providing the clock frequency for synchronized data transfer |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M.2 SATA and M.2 NVMe electrical interfaces?
    • ⤷ Does this specific model support Power Loss Protection (PLP)?
    • ⤷ What are the typical read/write speeds for 3D TLC industrial SSDs?