Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A322-R2

  • AI
    The **M2AS1-A322-R2** is a specific technical part number, typically associated with industrial automation components, specifically **magnetic proximity sensors** or **magnetic reed switches** often used in pneumatic cylinder position sensing. --- ### 1. Component Overview This part belongs to the category of **Magnetic Sensors**. Its primary function is to detect the magnetic field of a piston within an actuator to provide feedback to a PLC (Programmable Logic Controller) regarding the cylinder's position. ### 2. Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like **Airtac** or **Mindman** style sensors), the nomenclature typically breaks down as follows: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch (2-Wire) | | **Operating Voltage** | 5V to 240V AC/DC (Standard Range) | | **Switching Capacity** | Max. 10W / 100mA | | **Voltage Drop** | < 3.5V | | **Indicator** | Red LED (usually illuminates when triggered) | | **Cable Type** | Oil-resistant PVC or PUR cable | | **Protection Class** | IP67 (Dust and Water resistant) | --- ### 3. Electronic Architecture The internal circuitry of the **M2AS1-A322-R2** is designed for simplicity and durability: * **The Reed Element:** Two ferromagnetic blades hermetically sealed in a glass tube. When a magnet (on the cylinder piston) approaches, the blades pull together, closing the circuit. * **LED Protection Circuit:** Includes a resistor and a diode to power the visual indicator without burning out the circuit during high-voltage spikes. * **Varistor/Zener Diode:** Often included for surge protection to prevent damage from inductive loads (like solenoid valves). ### 4. Wiring Configuration As a 2-wire sensor, it is wired in series with the load. ```mermaid [Power Source +] ---- [Load/PLC Input] ---- [Brown Wire] ---- (Sensor) ---- [Blue Wire] ---- [Power Source -] ``` --- ### 5. Application Areas 1. **Pneumatic Cylinders:** Mounted on the exterior slot of a cylinder to detect "Extended" or "Retracted" states. 2. **Robotic Grippers:** Monitoring whether a gripper is open or closed. 3. **Safety Interlocks:** Ensuring a machine guard is in place before operation begins.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between this 2-wire reed switch and a 3-wire NPN/PNP Hall effect sensor?
    • ⤷ How do I troubleshoot a M2AS1 sensor if the LED does not light up?
    • ⤷ What mounting brackets are compatible with the R2 suffix of this part?