Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A332-R

  • AI
    The **M2AS1-A332-R** is a specific electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**. These components are widely used in industrial automation, security systems, and position sensing. ### 1. Technical Specifications The following table summarizes the key electronic and physical characteristics often associated with this part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | Form A (Normally Open) | | **Switching Voltage** | Up to 200V DC / 140V AC | | **Switching Current** | 0.5A (Max) | | **Contact Rating** | 10W / 10VA | | **Housing Material** | ABS Plastic or Stainless Steel (Model dependent) | | **Termination** | Lead Wires (R-Series indicates specific wire length/type) | | **Operating Temp** | -20°C to +85°C | --- ### 2. Core Electronic Components The device functions based on two primary internal elements: #### A. The Reed Switch The heart of the M2AS1 is a hermetically sealed glass envelope containing two ferromagnetic blades (reeds). * **Action:** When a magnetic field (from an external magnet) is brought near, the blades become oppositely polarized and pull together, closing the circuit. * **Durability:** Because the contacts are sealed in an inert gas, they are resistant to oxidation and can last for millions of cycles. #### B. The Housing and Potting * **Protection:** The "AS1" designation often refers to the mechanical housing style. The electronics are "potted" (encased in epoxy resin) inside the shell. * **Function:** This ensures the sensor is waterproof, dustproof, and resistant to high-vibration environments. --- ### 3. Application Use-Cases * **Door/Window Sensing:** Detecting if a panel is open or closed in security or HVAC systems. * **Limit Switching:** Used in CNC machines or 3D printers to detect the "Home" position of a carriage. * **Liquid Level Sensing:** Often paired with a magnetic float to trigger high/low-level alarms. --- ### 4. Circuit Diagram Representation In an electronic schematic, the M2AS1-A332-R is represented as a simple SPST (Single Pole Single Throw) switch: ```mermaid graph LR A[Terminal 1] --- S(( / )) --- B[Terminal 2] subgraph Magnetic Field Required M[Magnet] -.-> S end ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating distance for the M2AS1-A332-R?
    • ⤷ Does this model require an external power supply to operate?
    • ⤷ What are the specific wiring color codes for the R-series termination?