Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A341-R2SLASHQ

  • AI
    Based on the part number **M2AS1-A341-R2/Q**, this component belongs to a specific category of **M12/M8 Industrial Circular Connectors**, typically manufactured by companies like **Singatron** or other industrial interconnect specialists. --- ### 🟢 Component Overview The part number follows a modular nomenclature common in industrial automation. This specific model is an **M12 A-Coded Panel Mount Connector**. ### 🛠️ Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M12 | Standard industrial metric thread. | | **Coding** | A-Coded | Used for Sensors, DC Power, and 1Gbit Ethernet. | | **Gender** | Male | Pin-type connector (Plug). | | **Mounting** | Solder / Panel Mount | Designed to be fixed to a chassis or PCB. | | **Number of Pins** | 4-Pin / 3-Pin | Indicated by the "341" sequence (varies by series). | | **Contact Material** | Copper Alloy | Typically gold-plated for conductivity and corrosion resistance. | | **Housing Material** | Nickel-plated Brass | Provides EMI shielding and physical durability. | | **IP Rating** | IP67 / IP68 | Dust-tight and waterproof when mated. | --- ### 🔍 Breakdown of Part Number Segments 1. **M2AS1**: * **M2**: Refers to the M12 series. * **AS**: Often denotes "A-Coding" (Standard for sensors/actuators). * **1**: Usually represents the specific housing style (e.g., straight). 2. **A341**: * This is the internal configuration code for pin count and contact arrangement (likely a 3 or 4-pin variant). 3. **R2/Q**: * **R2**: Revision number or RoHS compliance indicator. * **/Q**: Often signifies "Quick connect" or a specific high-quality/automotive grade testing standard. --- ### 📡 Applications * **Industrial Automation:** Connecting PLCs to proximity sensors or limit switches. * **Robotics:** Data and power transmission in harsh environments. * **Transportation:** Monitoring systems in rail or marine applications. * **LED Lighting:** Rugged outdoor power connections. --- ### ⚠️ Installation Note Ensure the **O-ring** (usually included) is properly seated before tightening the panel nut. This ensures the IP67/68 rating is maintained, preventing liquid ingress into the electronic enclosure.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the A-coded 4-pin configuration?
    • ⤷ Is this connector compatible with NMEA 2000 marine networks?
    • ⤷ What is the maximum current rating per contact for this M12 series?