Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A342-R2

  • AI
    The **M2AS1-A342-R2** is a specialized electronic component, typically identified as an **Electromagnetic Relay** or a specific high-current switching module used in automotive and industrial control systems. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications This part belongs to a category of power relays designed for reliability under vibration and thermal stress. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Contact Configuration** | SPST (Single Pole Single Throw) or SPDT | | **Nominal Voltage** | 12V DC (Standard Automotive/Industrial) | | **Max Switching Current** | 30A to 40A | | **Coil Resistance** | Approximately 80-120 Ω | | **Terminal Style** | Plug-in / PCB Mount (Revision Dependent) | --- ### 2. Key Electronic Parts & Construction The internal architecture of the M2AS1 series consists of three primary electronic/mechanical sections: #### A. The Electromagnetic Coil * **Function:** Acts as the actuator. When current flows through the copper windings, it creates a magnetic field. * **Safety Feature:** Often includes a **suppression resistor** or **diode** across the coil to prevent Voltage Spikes (Back EMF) when the relay is de-energized. #### B. The Contact Set * **Material:** Usually made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its excellent resistance to "welding" and material transfer during high-current switching. * **Rating:** Designed to handle inductive loads (like motors) and resistive loads (like heaters). #### C. The Armature and Spring * **Mechanical Action:** A precision-tensioned spring ensures that the contacts snap open quickly to minimize arcing, which extends the life of the component. --- ### 3. Pinout and Schematic Representation In a standard configuration, the M2AS1-A342-R2 follows this logic: ```text Pin 1 & 2: Coil Power (Trigger) Pin 3: Common (COM) Pin 4: Normally Closed (NC) - If applicable Pin 5: Normally Open (NO) ``` ### 4. Application Areas * **Automotive Systems:** Power windows, fuel pumps, and cooling fans. * **Industrial Automation:** Control signals for small actuators. * **HVAC Systems:** Switching compressors or blowers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage rating for the R2 revision?
    • ⤷ Does this model include internal diode suppression?
    • ⤷ What are the mounting footprint dimensions for PCB integration?