Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A412-R2SLASHN

  • AI
    Based on the model number **M2AS1-A412-R2**, this typically refers to a high-performance **Industrial Solid State Drive (SSD)**, often associated with manufacturers like *Innodisk* or specialized embedded storage providers. The "M2AS1" prefix indicates the **M.2 2280** form factor using a **SATA III** interface. --- ## Technical Specifications & Electronic Components The device is composed of several critical electronic sub-systems designed for industrial-grade reliability. ### 1. Key Internal Components | Component | Function | Description | |:---|:---|:---| | **Controller** | The "Brain" | Manages data mapping, ECC (Error Correction), and wear leveling. | | **NAND Flash** | Storage Medium | Likely **3D TLC** or **iSLC** technology for high endurance. | | **DRAM Cache** | Performance Buffer | (If present) An external DDR3/DDR4 chip for faster mapping table access. | | **Power Management (PMIC)** | Voltage Regulation | Converts 3.3V host power to specific levels for the NAND and Controller. | ### 2. Physical & Interface Attributes * **Form Factor:** M.2 2280 (22mm wide, 80mm long). * **Interface:** SATA III 6.0 Gb/s (Backward compatible with SATA II/I). * **Connector Key:** B+M Key (compatible with most M.2 slots). --- ## Industrial Features (R2 Series) The **R2** revision usually signifies a specific hardware or firmware iteration designed for "Rugged" or "Refined" industrial use. ### Electronic Protections * **iData Guard:** A proprietary power-fail management circuit that ensures data integrity during sudden power loss. * **Thermal Sensor:** Integrated circuitry to monitor temperature and trigger "Thermal Throttling" if the drive exceeds safe limits (typically 0°C to +70°C for standard, or -40°C to +85°C for industrial). * **Conformal Coating (Optional):** A chemical layer applied to the PCB to protect electronic parts from moisture, dust, and corrosion. --- ## Performance Metrics (Typical) | Metric | Rating | |:---|:---| | **Sequential Read** | Up to 550 MB/s | | **Sequential Write** | Up to 520 MB/s | | **Input Voltage** | 3.3V ± 5% | | **Power Consumption** | Max 2.5W - 3.0W | --- ## Common Use Cases These parts are not typically found in consumer laptops but are integrated into: 1. **Automation Controllers:** PLC and IPC systems. 2. **Medical Equipment:** High-reliability imaging storage. 3. **Defense/Aerospace:** Due to high vibration and shock resistance.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the A412 variant?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ How does iSLC technology differ from standard 3D TLC in this drive?