Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A422-R

  • AI
    The **M2AS1-A422-R** is a specific model of an **Industrial Solid State Relay (SSR)**, typically manufactured by companies like **Magnelab** or similar industrial automation providers. These devices are used to switch electrical loads (like heaters or motors) without moving parts, offering high reliability and speed. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the primary electronic characteristics are summarized below: | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage (Input)** | Typically 3-32V DC (Standard Logic Level) | | **Load Voltage (Output)** | 240V AC to 480V AC (Standard Industrial Range) | | **Current Rating** | 25A to 40A (Varies by thermal management) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Internal Electronic Components An SSR like the M2AS1-A422-R functions through three main stages: #### A. Input Stage (Opto-Isolator) * **LED:** When a control voltage is applied, an internal LED lights up. * **Phototransistor/Phototriac:** This component senses the light. Because there is no physical connection between the input and output, the circuit provides **galvanic isolation** (usually up to 4000V), protecting your controller (PLC/Arduino) from high-voltage spikes. #### B. Zero-Cross Detection Circuit * This electronic circuit ensures that the relay only turns "ON" when the AC sine wave crosses the **0V mark**. * **Benefit:** This prevents large inrush currents and minimizes electromagnetic interference (EMI), protecting sensitive nearby electronics. #### C. Output Stage (Power Switching) * **TRIAC or Back-to-Back SCRs:** These are the "electronic switches." They handle the high-current AC load. * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the switching elements from high $dv/dt$ (voltage spikes) when switching inductive loads like motors. --- ### 3. Connection Diagram Overview The physical device usually features four screw terminals: 1. **Terminals 1 & 2 (Output):** Connected in series with the AC Load (e.g., a heating element) and the AC Power Source. 2. **Terminals 3 & 4 (Input):** Connected to the DC Control Signal (Polarity sensitive: + and -). --- ### 4. Thermal Management Because SSRs use semiconductors, they generate heat ($P = V_{drop} \times I$). * **Heatsink Requirement:** For currents exceeding 5-10A, the M2AS1-A422-R must be mounted on an aluminum heatsink. * **Thermal Paste:** A thin layer of thermal compound should be applied between the relay base and the heatsink to ensure efficient heat transfer.
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random-Fire switching in SSRs?
    • ⤷ How do I calculate the heatsink size for a 25A SSR?
    • ⤷ What are the common failure modes of the M2AS1-A422-R?