Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A423-R

  • AI
    The **M2AS1-A423-R** is a specific automotive-grade relay, typically manufactured by suppliers like **ZETTLER** or similar high-reliability electronic component manufacturers. It is designed for switching high-current DC loads in vehicular environments. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Electromechanical Automotive Relay | | **Contact Form** | SPST (1 Form A) - Normally Open | | **Coil Voltage** | 12V DC (Standard automotive) | | **Switching Capacity** | 30A to 40A (Load dependent) | | **Contact Material** | Silver Tin Oxide ($AgSnO_2$) | | **Mounting Type** | PCB Mount (Through-hole) | | **Enclosure** | Sealed / Dust-proof | --- ## 2. Key Features and Construction ### Internal Components 1. **Coil:** A copper wire winding that creates an electromagnetic field when 12V is applied. 2. **Armature:** The moving mechanical piece that responds to the magnetic field. 3. **Contacts ($AgSnO_2$):** Uses Silver Tin Oxide, which is the industry standard for automotive applications because it resists "welding" (sticking) during high-current inrush. 4. **Resistor/Diode (Optional):** Many versions of the "R" suffix include an internal suppression resistor or diode to protect the vehicle's ECU from voltage spikes when the coil is de-energized. ### Environmental Durability * **Vibration Resistance:** Designed to withstand engine bay vibrations. * **Temperature Range:** Operates typically between $-40^\circ C$ and $+125^\circ C$. --- ## 3. Typical Applications This relay is commonly used for switching high-draw peripherals in a 12V system: * **Fuel Pumps:** Managing the high current required for fuel delivery. * **Cooling Fans:** Switching radiator or condenser fans. * **Lighting:** Controlling HID or LED light bars. * **Power Windows/Locks:** Acting as the high-current interface for actuator motors. --- ## 4. Pin Configuration (Bottom View) Most relays in this series follow a standard PCB footprint: ```text Pin 1 & 2: Coil Terminals (12V Trigger) Pin 3: Common Contact (Input) Pin 5: Normally Open Contact (Output to Load) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the power consumption of the coil for the M2AS1-A423-R?
    • ⤷ Can this relay be used in 24V commercial vehicle systems?
    • ⤷ What is the difference between the 'R' suffix and standard versions?