Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A423-R2

  • AI
    The **M2AS1-A423-R2** is a specialized electronic component, typically identified as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**. These components are widely used in industrial automation, security systems, and position sensing. --- ### Technical Specifications and Overview | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Reed Sensor / Proximity Switch | | **Contact Form** | Form A (Normally Open - NO) | | **Housing Material** | Typically Plastic or Non-corrosive Metal (model dependent) | | **Mounting Type** | Threaded Barrel or Flange Mount | | **Termination** | Wire Leads or Connectorized | ### Electronic Principles of Operation 1. **Reed Switch Mechanism**: The core of the device consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. In the presence of a magnetic field (from a permanent magnet or electromagnet), the blades become polarized and pull together, closing the circuit. 2. **Contact Rating**: As an "A423" variant, it typically handles low-to-medium power signal switching. It is designed for logic-level interfacing rather than driving high-current motors directly. 3. **Hysteresis**: The device exhibits a physical "differential" where the distance required to activate the switch is shorter than the distance required to release it. This prevents "chattering" or rapid flickering of the signal. --- ### Key Electronic Components within the Assembly * **Rhodium/Ruthenium Plated Contacts**: To ensure long life and prevent oxidation, the internal contacts are often plated with precious metals. * **Encapsulation (Potting)**: The internal reed switch is encased in an epoxy resin. This protects the glass envelope from mechanical shock, vibration, and moisture. * **Protection Circuitry (Internal/External)**: Depending on the specific application, these sensors are often paired with: * **Flyback Diodes**: To protect the switch from inductive spikes when switching relays. * **Series Resistors**: To limit inrush current from capacitive loads. ### Common Applications * **Door/Gate Sensing**: Detecting if a safety guard is open or closed. * **Piston Position**: Detecting the end-of-stroke in pneumatic cylinders. * **Limit Switching**: Providing a digital signal when a mechanical arm reaches a specific coordinate. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching voltage and current for the M2AS1 series?
    • ⤷ How does the sensing distance vary based on the magnet type used?
    • ⤷ What are the wiring color codes for the M2AS1-A423-R2?