Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A431-R2

  • AI
    The **M2AS1-A431-R2** is a specific technical assembly, typically identified as a **Mini SAS (Serial Attached SCSI) Cable Assembly** or a specialized high-speed interface board used in enterprise storage systems and servers. Based on industrial specifications for this part number, here is the breakdown of its electronic components and characteristics: ### 1. Component Overview The assembly is designed for high-speed data transmission between a controller (HBA) and a backplane or storage drive array. | Feature | Specification | | :--- | :--- | | **Interface Type** | SFF-8087 (Internal Mini SAS) or SFF-8643 (HD Mini SAS) | | **Data Rate** | Supports 6Gbps or 12Gbps per lane | | **Configuration** | 4-channel (x4) signaling | | **Connector A** | Right Angle or Straight High-Density Connector | | **Connector B** | Specialized Interface or Direct Backplane Link | --- ### 2. Key Electronic Parts & Sub-systems #### A. High-Speed Differential Pairs The core of the "part" consists of high-quality copper wiring arranged in differential pairs. * **Impedance Control:** The traces and wires are strictly tuned to **100 Ohms** impedance to prevent signal reflection. * **Shielding:** Uses Aluminum-Mylar foil shielding to minimize EMI (Electromagnetic Interference) and crosstalk between data lanes. #### B. EEPROM Chip (Presence depends on Revision) Many "R2" (Revision 2) assemblies include a small **EEPROM** (Electrically Erasable Programmable Read-Only Memory) chip. * **Function:** Stores "Sideband" information or "Vital Product Data" (VPD). * **Usage:** Allows the system BIOS/UEFI to identify the cable type, length, and manufacturer for power management and signal integrity tuning. #### C. Active vs. Passive Components * **Passive:** If the M2AS1-A431-R2 is a standard short-length cable, it relies on passive copper. * **Active (Retimers/Redrivers):** If the part is used for extended lengths, it may contain integrated circuits (ICs) to boost the signal (Signal Conditioning). --- ### 3. Pinout and Signal Map The electronic interface generally follows the SAS-3 standard pinout: | Pin Group | Signal Type | Description | | :--- | :--- | :--- | | **Rx 0-3** | Differential Input | High-speed Receive lanes | | **Tx 0-3** | Differential Output | High-speed Transmit lanes | | **SCL/SDA** | I2C Bus | Clock and Data for the EEPROM/Management | | **GND** | Ground | Reference voltage and shielding return | | **Sideband** | Control | Reset, Attention, and Drive Activity signals | --- ### 4. Technical Use Case This part is commonly found in: 1. **Server Backplanes:** Connecting the motherboard to the hot-swap drive bays. 2. **RAID Controllers:** Linking high-performance cache to physical disks. 3. **JBOD Enclosures:** Facilitating external-to-internal data routing.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by the R2 revision?
    • ⤷ Is this part compatible with SATA drives or only SAS?
    • ⤷ Does this assembly require specific drivers for the EEPROM to be recognized?