Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A432-R2

  • AI
    The **M2AS1-A432-R2** is a specialized high-performance industrial computing component, typically associated with **IEI Integration Corp**. It is a module often used in network appliances, edge computing, or acceleration cards. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is categorized as an **M.2 Acceleration Module**, specifically designed to offload processing tasks (like AI inference or high-speed networking) from the main CPU. | Component Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 A+E Key (2230) | | **Interface** | PCIe Gen2 x1 | | **Chipset/Controller** | ASPEED AST1030 (Commonly used in this series) | | **Function** | Remote Management / I/O Expansion | | **Operating Temp** | 0°C ~ 60°C (Standard Industrial) | --- ### 2. Key Electronic Components The "R2" designation indicates **Revision 2**, which usually implies minor PCB layout optimizations or a change in passive component suppliers for better stability. #### A. The Controller IC The heart of this module is typically an **ASPEED** controller. These chips are designed for: * **BMC (Baseboard Management Controller) Lite:** Providing remote monitoring capabilities. * **Video Redirection:** Handling basic VGA output for headless servers. #### B. Power Management * **Voltage Regulators:** Converts the 3.3V supplied by the M.2 slot into 1.8V or 1.2V required by the logic core. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near the controller to filter high-frequency noise. #### C. Connectivity * **M.2 Gold Fingers:** Uses the **A+E Key** configuration, which is standard for WiFi or low-speed expansion modules, ensuring it cannot be accidentally plugged into a standard NVMe (M-Key) slot. --- ### 3. Pinout and Interface Logic The electronic communication happens over the following logical paths: 1. **PCIe Differential Pairs:** Used for data transfer between the host CPU and the ASPEED controller. 2. **I2C/SMBus:** Used for "Out-of-Band" management, allowing the system to read sensor data (temperature, voltage) even if the OS is crashed. 3. **UART:** Serial console access for debugging the module hardware. --- ### 4. Typical Applications * **Edge Gateways:** Adding remote management to a compact industrial PC. * **Industrial Automation:** Acting as a watchdog timer or system health monitor. * **Server Expansion:** Providing a secondary management path in high-density rack servers.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between M.2 A-Key and E-Key?
    • ⤷ Can this module be used for AI inference acceleration?
    • ⤷ What drivers are required for the ASPEED AST1030 controller?