Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A433-R/N

  • AI
    Based on the part number **M2AS1-A433-R/N**, this component belongs to the **M2AS1 series** of industrial-grade RF (Radio Frequency) modules, typically used in wireless data transmission and remote control applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The M2AS1 series is a high-performance **FSK (Frequency Shift Keying) Transceiver Module**. It is designed for low-power consumption and long-range reliability in the Sub-GHz frequency bands. ### Key Specifications Table | Feature | Specification | | :--- | :--- | | **Frequency Range** | 433 MHz (ISM Band) | | **Modulation Type** | FSK / GFSK / OOK | | **Operating Voltage** | 1.8V to 3.6V DC | | **Output Power** | Up to +20 dBm (Adjustable) | | **Sensitivity** | -121 dBm @ 1.2kbps | | **Data Rate** | 0.123 to 256 kbps | | **Interface** | SPI (Serial Peripheral Interface) | | **Antenna Impedance** | 50 Ohms | --- ## 2. Part Number Breakdown The suffixing and prefixing indicate specific hardware configurations: * **M2AS1**: The base series model (often based on Silicon Labs or Semtech chipsets). * **A433**: Denotes the center frequency (433.92 MHz). * **R/N**: * **R**: Usually stands for "Reel" (packaging) or "Receiver" capability. * **N**: Often indicates a specific revision or "No Shield" version depending on the manufacturer's internal coding. --- ## 3. Core Electronic Features ### Power Management The module is designed for battery-operated devices. It features several power-saving modes: * **Standby Mode:** Minimal current draw while maintaining register settings. * **Sleep Mode:** Deep sleep for maximum longevity in IoT sensors. * **Fast Wake-up:** Ability to transition from sleep to transmit mode in microseconds. ### Communication Interface It utilizes a standard **4-wire SPI interface** for communication with a Microcontroller (MCU). ```cpp // Example SPI initialization concept for M2AS1 (Pseudo-code) void setup_M2AS1() { SPI.begin(); SPI.setClockDivider(SPI_CLOCK_DIV8); digitalWrite(CS_PIN, HIGH); // Write to Register 0x06 to set 433MHz frequency writeRegister(0x06, 0x6C); } ``` --- ## 4. Common Applications * **Smart Metering:** Remote reading of water, gas, and electricity meters. * **Home Automation:** Wireless security systems, lighting control, and garage door openers. * **Industrial Monitoring:** Long-range sensor networks and telemetry. * **Agricultural Tech:** Soil moisture sensors and automated irrigation control.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M2AS1-A433-R/N module?
    • ⤷ How does the 433MHz frequency range compare to 868MHz in terms of wall penetration?
    • ⤷ Which microcontrollers are most compatible with this module's SPI interface?