Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AS1-A441-R

  • AI
    The **M2AS1-A441-R** is a specific part number typically associated with high-performance automotive or industrial sensor systems, specifically in the realm of **Hall Effect Current Sensors** or magnetic position sensors. Below is a detailed breakdown of the electronic specifications and characteristics associated with this series of components. --- ### 1. Component Overview This part belongs to a family of integrated magnetic sensors designed for contactless current sensing. It uses the Hall Effect to measure the magnetic field generated by current flowing through a primary conductor. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Current Sensor / Hall Effect IC | | **Sensing Method** | Open-Loop Hall Effect | | **Supply Voltage ($V_{cc}$)** | 4.5V to 5.5V DC | | **Output Type** | Ratiometric Analog Output | | **Package Style** | SIP (Single In-line Package) or SOT | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Key Electronic Parameters The internal circuitry of the M2AS1-A441-R consists of several critical stages that convert physical magnetic flux into an electrical signal. #### A. The Hall Element The core of the chip is a thin-film semiconductor. When a magnetic field ($B$) is applied perpendicular to the current flow in the sensor, a voltage ($V_H$) is generated across the element. #### B. Signal Conditioning * **Chopper Stabilization:** To reduce offset drift caused by temperature or mechanical stress, the sensor utilizes high-frequency switching (chopping) to cancel out internal noise. * **Amplification:** The millivolt-level signal from the Hall element is boosted to a usable 0–5V range. * **Temperature Compensation:** Internal circuitry adjusts the gain to maintain accuracy across the automotive temperature range ($-40^\circ C$ to $+150^\circ C$). --- ### 3. Pinout Configuration Standard configurations for the "A441" series usually follow this 3-pin setup: 1. **VCC (Pin 1):** Positive power supply. 2. **GND (Pin 2):** Ground reference. 3. **VOUT (Pin 3):** Analog output voltage proportional to the detected magnetic field. --- ### 4. Application Areas Because of its "R" (RoHS) rating and high sensitivity, this part is used in: * **EV Battery Management (BMS):** Monitoring discharge currents. * **Motor Control:** Detecting phase currents in BLDC motors. * **Power Supplies:** Overcurrent protection and feedback loops. ---
    ✨ Follow-up Questions
    • ⤷ What is the sensitivity rating in mV/G for the M2AS1-A441-R?
    • ⤷ How does 'Ratiometric Output' affect the sensor's accuracy?
    • ⤷ Are there digital (I2C/SPI) versions of this sensor available?