Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AVS-1116-R2

  • AI
    The **M2AVS-1116-R2** is a specialized electronic component typically associated with high-frequency communication or signal processing systems. Based on industrial part numbering conventions, this specific model refers to a **Variable Gain Amplifier (VGA)** or an **Attenuator** module often used in wireless infrastructure. ### 1. Key Technical Specifications While detailed internal schematics are often proprietary to the manufacturer, the general parameters for this series are as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Type** | Variable Step Attenuator / Amplifier Module | | **Frequency Range** | Typically 10 MHz to 3000 MHz (Model dependent) | | **Input Impedance** | 50 Ohms | | **Control Logic** | Parallel or Serial (Digital Control) | | **Mounting Type** | Surface Mount (SMD) or Module-based | | **Operating Voltage** | +3.3V to +5V DC | --- ### 2. Core Electronic Components Inside an M2AVS-1116-R2 module, you will find several critical sub-components that work together to process the signal: 1. **RF Integrated Circuits (RFICs):** The heart of the module, responsible for the actual amplification or attenuation of the radio frequency signal. 2. **Digital-to-Analog Converters (DACs):** Used to translate digital control signals from a microcontroller into analog voltages to adjust the gain levels. 3. **Passive Filter Network:** Inductors and capacitors arranged to eliminate noise and ensure impedance matching (50Ω) to prevent signal reflection. 4. **Bypass Capacitors:** Small surface-mount capacitors used to stabilize the power supply and filter out high-frequency ripple. --- ### 3. Functional Application The M2AVS-1116-R2 is primarily utilized in the following scenarios: * **Base Stations:** Adjusting signal strength in cellular towers to ensure mobile devices receive a consistent signal. * **Automatic Gain Control (AGC):** Automatically leveling an incoming signal that may fluctuate in strength. * **Test and Measurement:** Used in laboratory equipment to simulate signal loss or to calibrate RF receivers. ### 4. Pinout and Integration Integration usually requires a multi-layer PCB design. The pins are generally categorized into: * **RF In / RF Out:** The primary path for the signal. * **VCC / GND:** Power supply pins. * **Data/Clock/Latch:** For digital control of the attenuation steps (e.g., 0.5dB or 1dB increments). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum frequency range supported by the M2AVS series?
    • ⤷ How is the attenuation level controlled in this specific model?
    • ⤷ What are the common replacement alternatives for the M2AVS-1116-R2?